Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5121 Datasheet HTML 13Page - Analog Devices AD5121 Datasheet HTML 14Page - Analog Devices AD5121 Datasheet HTML 15Page - Analog Devices AD5121 Datasheet HTML 16Page - Analog Devices AD5121 Datasheet HTML 17Page - Analog Devices AD5121 Datasheet HTML 18Page - Analog Devices AD5121 Datasheet HTML 19Page - Analog Devices AD5121 Datasheet HTML 20Page - Analog Devices AD5121 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD5121/AD5141
Rev. 0 | Page 17 of 32
0
100
200
300
400
500
600
0
1
2
3
4
5
VOLTAGE (V)
100kΩ, VDD = 2.3V
100kΩ, VDD = 2.7V
100kΩ, VDD = 3V
100kΩ, VDD = 3.6V
100kΩ, VDD = 5V
100kΩ, VDD = 5.5V
10kΩ, VDD = 2.3V
10kΩ, VDD = 2.7V
10kΩ, VDD = 3V
10kΩ, VDD = 3.6V
10kΩ, VDD = 5V
10kΩ, VDD = 5.5V
Figure 26. Incremental Wiper On Resistance vs. VDD
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
0
10
20
30
40
50
60
CODE (Decimal)
AD5141
AD5121
10k
Ω + 0pF
10k
Ω + 75pF
10k
Ω + 150pF
10k
Ω + 250pF
100k
Ω + 0pF
100k
Ω + 75pF
100k
Ω + 150pF
100k
Ω + 250pF
Figure 27. Maximum Bandwidth vs. Code vs. Net Capacitance
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
TIME (µs)
0x80 TO 0x7F, 100k
Ω
0x80 TO 0x7F, 10k
Ω
VDD/VSS = ±2.5V
VA = VDD
VB = VSS
Figure 28. Maximum Transition Glitch
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.0005
0.0010
0.0015
0.0020
0.0025
–400
–500
–600
–300 –200 –100
0
100
200
300
400
500
600
RESISTOR DRIFT (ppm)
Figure 29. Resistor Lifetime Drift
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10kΩ
100kΩ
Figure 30. Power Supply Rejection Ratio (PSRR) vs. Frequency
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0
500
1000
1500
2000
TIME (ns)
Figure 31. Digital Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com