Electronic Components Datasheet Search
  English  ▼

X  

AD5121 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5121
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5121 Datasheet HTML 24Page - Analog Devices AD5121 Datasheet HTML 25Page - Analog Devices AD5121 Datasheet HTML 26Page - Analog Devices AD5121 Datasheet HTML 27Page - Analog Devices AD5121 Datasheet HTML 28Page - Analog Devices AD5121 Datasheet HTML 29Page - Analog Devices AD5121 Datasheet HTML 30Page - Analog Devices AD5121 Datasheet HTML 31Page - Analog Devices AD5121 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5121/AD5141
Rev. 0 | Page 29 of 32
TERMINAL VOLTAGE OPERATING RANGE
The AD5121/AD5141 are designed with internal ESD diodes
for protection. These diodes also set the voltage boundary of
the terminal operating voltages. Positive signals present on
Terminal A, Terminal B, or Terminal W that exceed VDD are
clamped by the forward-biased diode. There is no polarity
constraint between VA, VW, and VB, but they cannot be higher
than VDD or lower than VSS.
VDD
A
W
B
VSS
Figure 44. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP SEQUENCE
Because there are diodes to limit the voltage compliance at
Terminal A, Terminal B, and Terminal W (see Figure 44), it is
important to power up VDD first before applying any voltage to
Terminal A, Terminal B, and Terminal W. Otherwise, the diode
is forward-biased such that VDD is powered unintentionally. The
ideal power-up sequence is VSS, VDD, VLOGIC, digital inputs, and
VA, VB, and VW. The order of powering VA, VB, VW, and digital
inputs is not important as long as they are powered after VSS,
VDD, and VLOGIC. Regardless of the power-up sequence and the
ramp rates of the power supplies, once VLOGIC is powered, the
power-on preset activates, which restores EEPROM values to
the RDAC registers.
LAYOUT AND POWER SUPPLY BIASING
It is always a good practice to use a compact, minimum lead
length layout design. Ensure that the leads to the input are as
direct as possible with a minimum conductor length. Ground
paths should have low resistance and low inductance. It is also
good practice to bypass the power supplies with quality capacitors.
Apply low equivalent series resistance (ESR) 1 µF to 10 µF
tantalum or electrolytic capacitors at the supplies to minimize
any transient disturbance and to filter low frequency ripple.
Figure 45 illustrates the basic supply bypassing configuration
for the AD5121/AD5141.
AD5121/
AD5141
VDD VLOGIC
VDD
+
VDD
C1
0.1µF
C3
10µF
+
C2
0.1µF
C4
10µF
VSS
VLOGIC
+
C5
0.1µF
C6
10µF
GND
Figure 45. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com