Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT90CAN64
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 65Page - ATMEL Corporation AT90CAN64 Datasheet HTML 66Page - ATMEL Corporation AT90CAN64 Datasheet HTML 67Page - ATMEL Corporation AT90CAN64 Datasheet HTML 68Page - ATMEL Corporation AT90CAN64 Datasheet HTML 69Page - ATMEL Corporation AT90CAN64 Datasheet HTML 70Page - ATMEL Corporation AT90CAN64 Datasheet HTML 71Page - ATMEL Corporation AT90CAN64 Datasheet HTML 72Page - ATMEL Corporation AT90CAN64 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 431 page
background image
69
7682C–AUTO–04/08
AT90CAN32/64/128
Figure 9-3.
Synchronization when Reading an Externally Applied Pin value
Consider the clock period starting shortly after the first falling edge of the system clock. The latch
is closed when the clock is low, and goes transparent when the clock is high, as indicated by the
shaded region of the “SYNC LATCH” signal. The signal value is latched when the system clock
goes low. It is clocked into the PINxn Register at the succeeding positive clock edge. As indi-
cated by the two arrows tpd,max and tpd,min, a single signal transition on the pin will be delayed
between ½ and 1½ system clock period depending upon the time of assertion.
When reading back a software assigned pin value, a nop instruction must be inserted as indi-
cated in Figure 9-4. The out instruction sets the “SYNC LATCH” signal at the positive edge of
the clock. In this case, the delay tpd through the synchronizer is 1 system clock period.
Figure 9-4.
Synchronization when Reading a Software Assigned Pin Value
XXX
in
r17,
PINx
0x00
0xFF
INSTRUCTIONS
SYNC
LATCH
PINxn
r17
XXX
SYSTEM
CLK
t
pd,
max
t
pd,
min
out
PORTx,
r16
nop
in
r17,
PINx
0xFF
0x00
0xFF
SYSTEM
CLK
r16
INSTRUCTIONS
SYNC
LATCH
PINxn
r17
t
pd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com