Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90CAN64
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 17Page - ATMEL Corporation AT90CAN64 Datasheet HTML 18Page - ATMEL Corporation AT90CAN64 Datasheet HTML 19Page - ATMEL Corporation AT90CAN64 Datasheet HTML 20Page - ATMEL Corporation AT90CAN64 Datasheet HTML 21Page - ATMEL Corporation AT90CAN64 Datasheet HTML 22Page - ATMEL Corporation AT90CAN64 Datasheet HTML 23Page - ATMEL Corporation AT90CAN64 Datasheet HTML 24Page - ATMEL Corporation AT90CAN64 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 431 page
background image
21
7682C–AUTO–04/08
AT90CAN32/64/128
Figure 4-2.
Data Memory Map
4.2.2
SRAM Data Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clkCPU cycles as described in Figure 4-3.
Figure 4-3.
On-chip Data SRAM Access Cycles
32 Registers
64 I/O Registers
Internal SRAM
(ISRAM size)
0x0000 - 0x001F
0x0020 - 0x005F
XMem start
ISRAM end
0xFFFF
0x0060 - 0x00FF
Data Memory
External SRAM
(XMem size)
160 Ext I/O Reg.
ISRAM start
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com