Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT90CAN64
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 57Page - ATMEL Corporation AT90CAN64 Datasheet HTML 58Page - ATMEL Corporation AT90CAN64 Datasheet HTML 59Page - ATMEL Corporation AT90CAN64 Datasheet HTML 60Page - ATMEL Corporation AT90CAN64 Datasheet HTML 61Page - ATMEL Corporation AT90CAN64 Datasheet HTML 62Page - ATMEL Corporation AT90CAN64 Datasheet HTML 63Page - ATMEL Corporation AT90CAN64 Datasheet HTML 64Page - ATMEL Corporation AT90CAN64 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 431 page
background image
61
7682C–AUTO–04/08
AT90CAN32/64/128
Notes:
1. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of the Boot
Flash Section. The address of each Interrupt Vector will then be the address in this table
added to the start address of the Boot Flash Section.
2. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see “Boot Loader Support – Read-While-Write Self-Programming” on page 320.
Table 8-2 shows reset and Interrupt Vectors placement for the various combinations of
BOOTRST and IVSEL settings. If the program never enables an interrupt source, the Interrupt
Vectors are not used, and regular program code can be placed at these locations. This is also
the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the
Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 24-6 on page 333. For the BOOTRST Fuse “1”
means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
AT90CAN32/64/128 is:
;Address
Labels Code
Comments
0x0000
jmp
RESET
; Reset Handler
0x0002
jmp
EXT_INT0
; IRQ0 Handler
0x0004
jmp
EXT_INT1
; IRQ1 Handler
0x0006
jmp
EXT_INT2
; IRQ2 Handler
0x0008
jmp
EXT_INT3
; IRQ3 Handler
0x000A
jmp
EXT_INT4
; IRQ4 Handler
0x000C
jmp
EXT_INT5
; IRQ5 Handler
0x000E
jmp
EXT_INT6
; IRQ6 Handler
0x0010
jmp
EXT_INT7
; IRQ7 Handler
29
0x0038
TIMER3 COMPA
Timer/Counter3 Compare Match A
30
0x003A
TIMER3 COMPB
Timer/Counter3 Compare Match B
31
0x003C
TIMER3 COMPC
Timer/Counter3 Compare Match C
32
0x003E
TIMER3 OVF
Timer/Counter3 Overflow
33
0x0040
USART1, RX
USART1, Rx Complete
34
0x0042
USART1, UDRE
USART1 Data Register Empty
35
0x0044
USART1, TX
USART1, Tx Complete
36
0x0046
TWI
Two-wire Serial Interface
37
0x0048
SPM READY
Store Program Memory Ready
Table 8-2.
Reset and Interrupt Vectors Placement(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002
Table 8-1.
Reset and Interrupt Vectors (Continued)
Vector
No.
Program
Address(1)
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com