Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT90CAN64
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 18Page - ATMEL Corporation AT90CAN64 Datasheet HTML 19Page - ATMEL Corporation AT90CAN64 Datasheet HTML 20Page - ATMEL Corporation AT90CAN64 Datasheet HTML 21Page - ATMEL Corporation AT90CAN64 Datasheet HTML 22Page - ATMEL Corporation AT90CAN64 Datasheet HTML 23Page - ATMEL Corporation AT90CAN64 Datasheet HTML 24Page - ATMEL Corporation AT90CAN64 Datasheet HTML 25Page - ATMEL Corporation AT90CAN64 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 431 page
background image
22
7682C–AUTO–04/08
AT90CAN32/64/128
4.3
EEPROM Data Memory
The AT90CAN32/64/128 contains EEPROM memory (see “E2 size”). It is organized as a sepa-
rate data space, in which single bytes can be read and written. The EEPROM has an endurance
of at least 100,000 write/erase cycles. The access between the EEPROM and the CPU is
described in the following, specifying the EEPROM Address Registers, the EEPROM Data Reg-
ister, and the EEPROM Control Register.
For a detailed description of SPI, JTAG and Parallel data downloading to the EEPROM, see
“SPI Serial Programming Overview” on page 347, “JTAG Programming Overview” on page 351,
and “Parallel Programming Overview” on page 338 respectively.
4.3.1
EEPROM Read/Write Access
The EEPROM Access Registers are accessible in the I/O space.
The write access time for the EEPROM is given in Table 4-2. A self-timing function, however,
lets the user software detect when the next byte can be written. If the user code contains instruc-
tions that write the EEPROM, some precautions must be taken. In heavily filtered power
supplies, VCC is likely to rise or fall slowly on power-up/down. This causes the device for some
period of time to run at a voltage lower than specified as minimum for the clock frequency used.
See “Preventing EEPROM Corruption” on page 26.for details on how to avoid problems in these
situations.
In order to prevent unintentional EEPROM writes, a specific write procedure must be followed.
Refer to the description of the EEPROM Control Register for details on this.
When the EEPROM is read, the CPU is halted for four clock cycles before the next instruction is
executed. When the EEPROM is written, the CPU is halted for two clock cycles before the next
instruction is executed.
4.3.2
The EEPROM Address Registers – EEARH and EEARL
• Bits 15..12 – Reserved Bits
These bits are reserved bits in the AT90CAN32/64/128 and will always read as zero.
• Bits 11..0 – EEAR11..0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the
EEPROM space (see “E2 size”). The EEPROM data bytes are addressed linearly between 0
and “E2 end”. The initial value of EEAR is undefined. A proper value must be written before the
EEPROM may be accessed.
– AT90CAN32: EEAR11 & EEAR10 exist as register bit but they are not used for
addressing.
– AT90CAN64: EEAR11 exists as register bit but it is not used for addressing.
Bit
15
14
13
12
11
10
9
8
–
–
–
–
EEAR11
EEAR10
EEAR9
EEAR8
EEARH
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com