Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT90CAN64
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 56Page - ATMEL Corporation AT90CAN64 Datasheet HTML 57Page - ATMEL Corporation AT90CAN64 Datasheet HTML 58Page - ATMEL Corporation AT90CAN64 Datasheet HTML 59Page - ATMEL Corporation AT90CAN64 Datasheet HTML 60Page - ATMEL Corporation AT90CAN64 Datasheet HTML 61Page - ATMEL Corporation AT90CAN64 Datasheet HTML 62Page - ATMEL Corporation AT90CAN64 Datasheet HTML 63Page - ATMEL Corporation AT90CAN64 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 431 page
background image
60
7682C–AUTO–04/08
AT90CAN32/64/128
8.
Interrupts
T h i s s e c t i o n d e s c r i b e s t h e s p e c i f i c s o f t h e i n t e r r u p t h a n d l i n g a s p e r f o r m e d i n
AT90CAN32/64/128. For a general explanation of the AVR interrupt handling, refer to “Reset
and Interrupt Handling” on page 15.
8.1
Interrupt Vectors in AT90CAN32/64/128
Table 8-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address(1)
Source
Interrupt Definition
1
0x0000(2)
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and JTAG AVR Reset
2
0x0002
INT0
External Interrupt Request 0
3
0x0004
INT1
External Interrupt Request 1
4
0x0006
INT2
External Interrupt Request 2
5
0x0008
INT3
External Interrupt Request 3
6
0x000A
INT4
External Interrupt Request 4
7
0x000C
INT5
External Interrupt Request 5
8
0x000E
INT6
External Interrupt Request 6
9
0x0010
INT7
External Interrupt Request 7
10
0x0012
TIMER2 COMP
Timer/Counter2 Compare Match
11
0x0014
TIMER2 OVF
Timer/Counter2 Overflow
12
0x0016
TIMER1 CAPT
Timer/Counter1 Capture Event
13
0x0018
TIMER1 COMPA
Timer/Counter1 Compare Match A
14
0x001A
TIMER1 COMPB
Timer/Counter1 Compare Match B
15
0x001C
TIMER1 COMPC
Timer/Counter1 Compare Match C
16
0x001E
TIMER1 OVF
Timer/Counter1 Overflow
17
0x0020
TIMER0 COMP
Timer/Counter0 Compare Match
18
0x0022
TIMER0 OVF
Timer/Counter0 Overflow
19
0x0024
CANIT
CAN Transfer Complete or Error
20
0x0026
OVRIT
CAN Timer Overrun
21
0x0028
SPI, STC
SPI Serial Transfer Complete
22
0x002A
USART0, RX
USART0, Rx Complete
23
0x002C
USART0, UDRE
USART0 Data Register Empty
24
0x002E
USART0, TX
USART0, Tx Complete
25
0x0030
ANALOG COMP
Analog Comparator
26
0x0032
ADC
ADC Conversion Complete
27
0x0034
EE READY
EEPROM Ready
28
0x0036
TIMER3 CAPT
Timer/Counter3 Capture Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com