Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT90CAN64
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT90CAN64 Datasheet HTML 14Page - ATMEL Corporation AT90CAN64 Datasheet HTML 15Page - ATMEL Corporation AT90CAN64 Datasheet HTML 16Page - ATMEL Corporation AT90CAN64 Datasheet HTML 17Page - ATMEL Corporation AT90CAN64 Datasheet HTML 18Page - ATMEL Corporation AT90CAN64 Datasheet HTML 19Page - ATMEL Corporation AT90CAN64 Datasheet HTML 20Page - ATMEL Corporation AT90CAN64 Datasheet HTML 21Page - ATMEL Corporation AT90CAN64 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 431 page
background image
18
7682C–AUTO–04/08
AT90CAN32/64/128
4.
Memories
This section describes the different memories in the AT90CAN32/64/128. The AVR architecture
has two main memory spaces, the Data Memory and the Program Memory space. In addition,
the AT90CAN32/64/128 features an EEPROM Memory for data storage. All three memory
spaces are linear and regular.
Notes:
1. Byte address.
2. Word (16-bit) address.
4.1
In-System Reprogrammable Flash Program Memory
The AT90CAN32/64/128 contains On-chip In-System Reprogrammable Flash memory for pro-
gram storage (see “Flash size”). Since all AVR instructions are 16 or 32 bits wide, the Flash is
organized as 16 bits wide. For software security, the Flash Program memory space is divided
into two sections, Boot Program section and Application Program section.
The Flas h memory has an endur ance of at leas t 10,000 w rite/eras e cyc les. T he
AT90CAN32/64/128 Program Counter (PC) address the program memory locations. The opera-
tion of Boot Program section and associated Boot Lock bits for software protection are described
in detail in “Boot Loader Support – Read-While-Write Self-Programming” on page 320. “Memory
Programming” on page 335 contains a detailed description on Flash data serial downloading
using the SPI pins or the JTAG interface.
Table 4-1.
Memory Mapping.
Memory
Mnemonic
AT90CAN32
AT90CAN64
AT90CAN128
Flash
Size
Flash size
32 K bytes
64 K bytes
128 K bytes
Start Address
-
0x00000
End Address
Flash end
0x07FFF(1)
0x3FFF(2)
0x0FFFF(1)
0x7FFF(2)
0x1FFFF(1)
0xFFFF(2)
32
Registers
Size
-
32 bytes
Start Address
-
0x0000
End Address
-
0x001F
I/O
Registers
Size
-
64 bytes
Start Address
-
0x0020
End Address
-
0x005F
Ext I/O
Registers
Size
-
160 bytes
Start Address
-
0x0060
End Address
-
0x00FF
Internal
SRAM
Size
ISRAM size
2 K bytes
4 K bytes
4 K bytes
Start Address
ISRAM start
0x0100
End Address
ISRAM end
0x08FF
0x10FF
0x10FF
External
Memory
Size
XMem size
0-64 K bytes
Start Address
XMem start
0x0900
0x1100
0x1100
End Address
XMem end
0xFFFF
EEPROM
Size
E2 size
1 K bytes
2 K bytes
4 K bytes
Start Address
-
0x0000
End Address
E2 end
0x03FF
0x07FF
0x0FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com