Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 7 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 7 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 3Page - Texas Instruments 4KA93D Datasheet HTML 4Page - Texas Instruments 4KA93D Datasheet HTML 5Page - Texas Instruments 4KA93D Datasheet HTML 6Page - Texas Instruments 4KA93D Datasheet HTML 7Page - Texas Instruments 4KA93D Datasheet HTML 8Page - Texas Instruments 4KA93D Datasheet HTML 9Page - Texas Instruments 4KA93D Datasheet HTML 10Page - Texas Instruments 4KA93D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
1.3
ADS528x EVM Quick Start Procedure
Overview
The ADS528x EVM provides a flexible means of evaluating the ADS528x in a number of modes of
operation. A basic setup procedure that can be used as a board confidence check is as follows:
1. Verify all jumper settings against the schematic jumper list in Table 1.
Table 1. Three-Pin Jumper List
JUMPER
FUNCTION
LOCATION: PINS 1–2
LOCATION: PINS 2–3
DEFAULT
JP2
ADC internal or external reference
ADC internal reference
ADC external reference
1–2
selection
JP3 (SMT)
EVM clock input selection
Transformer coupled
Single-ended PECL
1–2
JP4 (SMT)
ADC CLKP
Transformer
Single-ended PECL
1–2
JP5 (SMT)
ADC CLKM
Transformer
GND
1–2
JP8
Selects power management
ADC powered by LDO (3.3 V)
ADC powered by J4 (3.3 V)
1–2
configuration
JP9
Selects power management
ADC powered by LDO (1.8 V)
ADC powered by J5 (1.8 V)
1–2
configuration
2. Connect a 5-V supply to J1 and its return to J2.
3. Switch power supplies on.
4. Using a function generator with 50-
Ω output, generate a 0-V offset, 1.5-Vpp sine-wave clock into J26.
The frequency of the clock must be within the specification for the device speed grade.
5. Use a frequency generator with a 50-
Ω output to provide a 5-MHz, 0-V offset, –1-dBFS-amplitude
sine-wave signal into J9. This provides a transformer-coupled differential input signal to the ADC.
6. Connect the USB cable, open the PC software and provide a reset command. For first-time use, see
Section 3.1 for installation instructions.
7. Connect J8 to the ADS5281DeSerAdapter+ADSDeser-50EVM or TSW1200 deserializer card to
evaluate the ADC digital data using a logic analyzer.
Note:
Software Operation: Users must use the accompanying software to issue a reset command
before taking measurements. In addition to providing the ADS528X with the initialization
register writes detailed in the data sheet, the accompanying software also sets the state of
ADC pins ADCRESET and PD. Failure to do so can cause improper operation.
SLAU205 – January 2008
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com