Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 22 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 22 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 18Page - Texas Instruments 4KA93D Datasheet HTML 19Page - Texas Instruments 4KA93D Datasheet HTML 20Page - Texas Instruments 4KA93D Datasheet HTML 21Page - Texas Instruments 4KA93D Datasheet HTML 22Page - Texas Instruments 4KA93D Datasheet HTML 23Page - Texas Instruments 4KA93D Datasheet HTML 24Page - Texas Instruments 4KA93D Datasheet HTML 25Page - Texas Instruments 4KA93D Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.ti.com
Physical Description
Table 4. Bill of Materials (continued)
Reference
Not Installed
Part
Footprint
Part Number
Manufacturer
Tolerance
U5
93C66B
TSSOP8
93C66B-I/ST
Microchip
U8
FT245BM
PQFN32
FT245BM
Future
Technology
Devices
U10
TPS73201-
DBV5
TPS73218DBVT
TI
SOT23
U11
TPS77533D
SOIC8
TPS77533D
TI
Y2
6.0000 MHz
ECS-60-32-
ECS
5PDN-TR
MP2
Screw, machine,
PMS 440 0038
Building
PCB legs
ph 4-40
× 3/8
PH
Fasteners
MP3
Stand-off, hex,
1902C
Keystone
.5/4-40THR
Electronic
22
SLAU205 – January 2008
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com