Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 14 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 14 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 10Page - Texas Instruments 4KA93D Datasheet HTML 11Page - Texas Instruments 4KA93D Datasheet HTML 12Page - Texas Instruments 4KA93D Datasheet HTML 13Page - Texas Instruments 4KA93D Datasheet HTML 14Page - Texas Instruments 4KA93D Datasheet HTML 15Page - Texas Instruments 4KA93D Datasheet HTML 16Page - Texas Instruments 4KA93D Datasheet HTML 17Page - Texas Instruments 4KA93D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
4.2
Coherent Input Frequency Selection
ADC Evaluation
Typical ADC analysis requires users to collect the resulting time-domain data and perform a Fourier
transform to analyze the data in the frequency domain. A stipulation of the Fourier transform is that the
signal must be continuous-time; however, this is impractical when looking at a finite set of ADC samples,
usually collected from a logic analyzer. Consequently, users typically apply a window function to minimize
the time-domain discontinuities that arise when analyzing a finite set of samples. For ADC analysis,
window functions have their own frequency signatures or lobes that distort both SNR and SFDR
measurements of the ADC.
TI uses the concept of coherent sampling to work around the use of a window function. The central
premise of coherent sampling entails that the input signal into the ADC is carefully chosen such that when
a continuous-time signal is reconstructed from a finite sample set, no time-domain discontinuities exist. To
achieve this, the input frequency must be an integer multiple of the ratio of the ADC sample rate (fs) and
the number of samples collected from the logic analyzer (Ns). The ratio of fs to Ns is typically referred to as
the fundamental frequency (ff). Determining the ADC input frequency is a two-step process. First, the
users select the frequency of interest for evaluating the ADC; then, they divide this by the fundamental
frequency. This typically yields a non-integer value, which should be rounded to the nearest odd,
preferably prime, integer. Once that integer, or frequency bin (fbin), has been determined, users multiply
this with the fundamental frequency to obtain a coherent frequency to program into their ADC input signal
generator. The procedure is summarized as follows.
ff = fs/Ns
fbin = Odd_round(fdesired/ff)
Coherent frequency = ff × fbin
14
SLAU205 – January 2008
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com