Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 9 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 9 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 5Page - Texas Instruments 4KA93D Datasheet HTML 6Page - Texas Instruments 4KA93D Datasheet HTML 7Page - Texas Instruments 4KA93D Datasheet HTML 8Page - Texas Instruments 4KA93D Datasheet HTML 9Page - Texas Instruments 4KA93D Datasheet HTML 10Page - Texas Instruments 4KA93D Datasheet HTML 11Page - Texas Instruments 4KA93D Datasheet HTML 12Page - Texas Instruments 4KA93D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
2.2.4
Analog Inputs
2.2.5
Digital Outputs
Circuit Description
The EVM provides eight analog inputs, using an SMA connector for each of the eight channels of the
ADC. SMA channel inputs are J9, J10, J13, J14, J17, J18, J21, and J22. By default, the ADC accepts a
single-ended input and translates it to a differential signal using a Mini Circuits TC1-1T transformer. The
ADC inputs are dc-biased by feeding the ADC VCM voltage to the transformer center tap on the
secondary windings. Provisions have also been made on the EVM to allow for differential inputs using two
SMAs per input channel.
The serial LVDS digital outputs can be accessed through the J8 output connector. The EVM is designed
to be interfaced to the TI TSW1200 Rev B deserializer card, which plugs into J8. In addition, the EVM can
be interfaced to the ADSDeSer-50EVM using a translation card, the ADS5281DeSerAdapter. Both the
TSW1200 Rev B and the ADSDeSer-50EVM contain the required parallel 100-
Ω termination resistor that
must be placed at the receiver to terminate each LVDS data pair properly.
Note:
TSW1200 Rev B: Users wishing to use the TSW1200 for deserialization should note that the
minimium ADC sampling frequency this can be operated at is 32 MHz. The TSW1200 uses a
digital clock manager (DCM) with a minimium operational frequency of 32 MHz.
Full documentation on the TI ADSDeSer-50EVM deserializer is found in the ADSDeSer-50EVM Evaluation
Module User's Guide (SBAU091) and Connecting Xilinx FPGAs to Texas Instruments ADS527x Series
ADCs, Xilinx™ application report XAPP774. The VHDL deserializer source code can be found on the
Xilinx Web site.
SLAU205 – January 2008
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com