Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 13 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 13 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 9Page - Texas Instruments 4KA93D Datasheet HTML 10Page - Texas Instruments 4KA93D Datasheet HTML 11Page - Texas Instruments 4KA93D Datasheet HTML 12Page - Texas Instruments 4KA93D Datasheet HTML 13Page - Texas Instruments 4KA93D Datasheet HTML 14Page - Texas Instruments 4KA93D Datasheet HTML 15Page - Texas Instruments 4KA93D Datasheet HTML 16Page - Texas Instruments 4KA93D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
4
ADC Evaluation
4.1
Hardware Selection
4.1.1
Analog Input Signal Generator
4.1.2
Clock Signal Generator
ADC Evaluation
This section describes how to set up a typical ADC evaluation system that is similar to what TI uses to
perform testing for data-sheet generation. Consequently, the information in this section is generic in nature
and is applicable to all high-speed, high-resolution ADC evaluations. This section covers signal tone
analysis, which yields ADC data-sheet figures of merit such as signal-to-noise ratio (SNR) and spurious
free dynamic range (SFDR).
To reveal the true performance of the ADC under evaluation, great care should be taken in selecting both
the ADC signal source and ADC clocking source.
When choosing the quality of the ADC analog input source, consider both harmonic distortion performance
of the signal generator and the noise performance of the source.
In many cases, the harmonic distortion performance of the signal generator is inferior to that of the ADC,
and additional filtering is needed if users expect to reproduce the ADC SFDR numbers found in the data
sheet. Users can easily evaluate the harmonic distortion of their signal generator by hooking it directly to a
spectrum analyzer and measuring the power of the output signal and comparing that to the power of the
integer multiples of the output-signal frequency. If the harmonic distortion is worse than the ADC under
evaluation, the ADC digitizes the performance of the signal generator and the true ADC SFDR is masked.
To alleviate this, it is recommended that users provide additional LC filtering after the signal generator
output.
Another important metric when deciding on a signal generator is its noise performance. As with the
distortion performance, if the noise performance is worse than that of the ADC under evaluation, the ADC
digitizes the performance of the source. Noise can be broken into two components, broadband noise and
close-in phase noise. Broadband noise can be improved by the LC filter added to improve distortion
performance; however, the close-in phase noise typically cannot be improved by additional filtering.
Therefore, when selecting an analog signal source, it is important to review the manufacturer's
phase-noise plots and take care to choose a signal generator with the best phase-noise performance.
Equally important in the high-performance ADC evaluation setup is the selection of the clocking source.
Most modern ADCs, the ADS61xx included, accept either a sinusoidal or a square-wave clock input. The
key metric in selecting a clocking source is selecting a source with the lowest jitter. This becomes
increasingly important as the ADC input frequency (fin) increases, because the ADC SNR evaluation
setups can become jitter-limited (tj) as shown by the following equation.
SNR (dBc) = 20 log (2
π × f
in × tj(rms))
In theory, a square-wave source with femtosecond jitter would be ideal for an ADC evaluation setup.
However, in practical terms, most commercially available square-wave generators offer jitter measured in
picoseconds, which is too great for high-resolution ADC evaluation setups. Therefore, most evaluation
setups rely on the ADC internal clock buffer to convert a sinusoidal input signal into an ultralow-jitter
square wave. When selecting a sinusoidal clocking source, it has been shown that phase noise has a
direct impact on jitter performance. Consequently, great scrutiny should be applied to the phase-noise
performance of the clocking signal generator. TI has found that high-Q monolithic crystal filters can
improve the phase noise of the signal generator, and these filters become essential elements of the
evaluation setup when high ADC input frequencies are being evaluated.
SLAU205 – January 2008
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com