Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 21 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 21 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 17Page - Texas Instruments 4KA93D Datasheet HTML 18Page - Texas Instruments 4KA93D Datasheet HTML 19Page - Texas Instruments 4KA93D Datasheet HTML 20Page - Texas Instruments 4KA93D Datasheet HTML 21Page - Texas Instruments 4KA93D Datasheet HTML 22Page - Texas Instruments 4KA93D Datasheet HTML 23Page - Texas Instruments 4KA93D Datasheet HTML 24Page - Texas Instruments 4KA93D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
Physical Description
Table 4. Bill of Materials (continued)
Reference
Not Installed
Part
Footprint
Part Number
Manufacturer
Tolerance
L1, L2, L3, L7
68
Ω at 100 MHz 603
MI0603J680R-10 Steward
L5
1 k
Ω at 100 MHZ SMD_0805
BLM21AG102SN Murata
1D
R1, R2
2
Ω
603
ERJ-
Panasonic
5%
3GEYJ2R0V
R3
0
Ω
603
ERJ-
Panasonic
5%
3GEY0R00V
R4
56.2 k
Ω
603
ERJ-3EKF5622V Panasonic
1%
R5, R6, R7, R8,
49.9
Ω
603
ERJ-
Panasonic
1%
R10, R12, R13,
3EKF49R9V
R14, R15, R16,
R17, R18, R20,
R22, R23, R24,
R25, R26, R27,
R28, R30, R32,
R33, R34, R35,
R36, R37, R38,
R40, R42, R43,
R44, R49
R9, R11, R19,
0
Ω
603
ERJ-
Panasonic
1%
R21, R29, R31,
3GEY0R00V
R39, R41
R45, R48
NOT
121
Ω
603
ERJ-3EKF1210V Panasonic
1%
INSTALLED
R46
10
Ω
603
ERJ-
Panasonic
1%
3EKF10R0V
R47, R52
49.9
Ω
402
ERJ-
Panasonic
1%
2RKF49R9X
R53, R56
10 k
Ω
603
ERJ-3EKF1002V Panasonic
1%
R57
4.7 k
Ω
603
ERJ-
Panasonic
5%
3GEYJ472V
R59
1.5 k
Ω
SMD_0603
ERJ-3EKF1501V Panasonic
5%
R60
2.21 k
Ω
SMD_0603
ERJ-3EKF2211V Panasonic
1%
R61
10 k
Ω
SMD_0603
ERJ-
Panasonic
5%
3GEYJ103V
R62, R67
499
Ω
402
ERJ-2RKF4990X Panasonic
1%
R63
NOT
0
Ω
SMD_0603
ERJ-
Panasonic
5%
INSTALLED
3GEY0R00V
R64, R65
26.7
Ω
SMD_0603
ERJ-
Panasonic
1%
3EKF26R7V
R68
NOT
10 k
Ω
603
ERJ-3EKF1002V Panasonic
1%
INSTALLED
R77
28 k
Ω
603
RC0603FR-
Yageo
1%
0728KL
R78
56.2 k
Ω
603
RC0603FR-
Yageo
1%
0756K2L
TP1, TP3, TP4,
T POINT R
TESTPOINT
5002
Keystone
TP5
TP2
T POINT R
TESTPOINT
5001
Keystone
T1, T2, T3, T4,
TC1-1T
XFMR_TC4-1W
TC1-1T
Mini Circuits
T5, T6, T7, T8,
T9
U1
ADS528X_
QFN64
ADS528X
TI
QFN64
U3
MC100EPT21
MC100EPT21DT On
G
Semiconductor
SLAU205 – January 2008
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com