Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 12 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 12 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 8Page - Texas Instruments 4KA93D Datasheet HTML 9Page - Texas Instruments 4KA93D Datasheet HTML 10Page - Texas Instruments 4KA93D Datasheet HTML 11Page - Texas Instruments 4KA93D Datasheet HTML 12Page - Texas Instruments 4KA93D Datasheet HTML 13Page - Texas Instruments 4KA93D Datasheet HTML 14Page - Texas Instruments 4KA93D Datasheet HTML 15Page - Texas Instruments 4KA93D Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
TI ADC SPI Control Interface
Table 3. ADS528X Frequently Used Registers
Default Value
Alternate Value
Description
ADS528X Reset
Issues a software reset and also sends the initialization
routine outlined in the data sheet. Furthermore, the clock is
set to differential, which matches the default EVM
configuration. A Reset should take place before any
evaluation is done.
Standby: Off
Standby: On
Toggles the ADC standby.
Powerdown: Off
Powerdown: On
Toggles the ADC power down.
PD: Powerdown
PD: Standby
Assigns the ADS528X PD pin either a power-down or
standby function.
Clock: Standby
Clock: Differential
Sets the ADC to accept either a single-ended or a
differential clock. By defualt the ADS528X EVM is
configured for a differential clock.
LSB first
MSB first
Toggles the ADC output format.
Testmode: None
Output = Ramp, Output = Deskew,
Sets the ADC to ignore the analog input and to apply a test
Output = Synch
pattern on the digital output.
Duty Cycle Correction: Off
Duty Cycle Correction: On
Toggles the duty-cycle correction feature.
Termination: Off
Termination: On
Enables the ability to provide a series source termination
on the output signals.
ADCLK: None
ADCLK: 260, 150, 94, 125, 80, 66,
Changes the value of the source termination on ADCLK.
55
Ω
Note that Termination must be On for values to take effect.
LCLK: None
LCLK: 260, 150, 94, 125, 80, 66,
Changes the value of the source termination on LCLK.
55
Ω
Note that Termination must be On for values to take effect.
OUT: None
OUT: 260, 150, 94, 125, 80, 66,
Changes the value of the source termination on the outputs
55
Ω
Note that Termination must be On for values to take effect.
ADCLK: 3.5 mA
ADCLK: 0.5–7.5 mA
Changes the output source current on ADCLK.
LCLK: 3.5 mA
LCLK: 0.5–7.5 mA
Changes the output source current on LCLK.
OUT: 3.5 mA
OUT: 0.5–7.5 mA
Changes the output source current on OUT.
Power Down: Off (per channel
Power Down: On (per channel
On an individual-channel basis, allows the user to toggle
control)
control)
power down.
Swap Inputs: Off (per channel
Swap Inputs: On (per channel
On an individual-channel basis, allows the user to toggle
control)
control)
power down.
Low-Frequency Noise
Low-Frequency Noise Suppression:
On an individual-channel basis, allows the user to toggle
Suppression: Off (per channel
On (per channel control)
the low-frequency noise-suppression mode.
control)
Gain = 0 db–12 dB (per
Gain = 0 db–12 dB (per channel
On an individual-channel basis, allows the user to apply
channel control)
control)
gain.
12
SLAU205 – January 2008
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com