Electronic Components Datasheet Search
  English  ▼

X  

4KA93D Datasheet(PDF) 20 Page - Texas Instruments

Part # 4KA93D
Description  The following sections describe the function of individual circuits.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4KA93D Datasheet(HTML) 20 Page - Texas Instruments

Back Button 4KA93D Datasheet HTML 16Page - Texas Instruments 4KA93D Datasheet HTML 17Page - Texas Instruments 4KA93D Datasheet HTML 18Page - Texas Instruments 4KA93D Datasheet HTML 19Page - Texas Instruments 4KA93D Datasheet HTML 20Page - Texas Instruments 4KA93D Datasheet HTML 21Page - Texas Instruments 4KA93D Datasheet HTML 22Page - Texas Instruments 4KA93D Datasheet HTML 23Page - Texas Instruments 4KA93D Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ti.com
6.2
Bill of Materials
Physical Description
Table 4. Bill of Materials
Reference
Not Installed
Part
Footprint
Part Number
Manufacturer
Tolerance
C1, C3, C23,
33
µF
TANT_B
B45196H1336K2 Kemet
10%
C25
09
C2, C4, C24,
1
µF
603
ECJ-1VB0J105K
Panasonic
10%
C34
C7, C11
22
µF
TANT_A
B45196H1226K1 Kemet
10%
09
C8, C9, C10,
0.1
µF
603
ECJ-
Panasonic
10%
C12, C13, C14,
1VB1C104K
C18, C20, C26,
C27, C28, C30,
C36, C37, C41,
C43, C47, C49,
C53, C55, C59,
C60, C61, C72
C15, C16, C17,
0.01
µF
603
06035C103KAT2 AVX
10%
C22
A
C29
10
µF
1206
ECJ-
Panasonic
10%
3YB1C106K
C33
2.2
µF
603
ECJ-1VB0J225K
Panasonic
10%
C35, C38, C42,
10 pF
603
ECJ-
Panasonic
0.5 pF
C44, C48, C50,
1VC1H100D
C54, C56
C40, C39, C45
0.1
µF
402
ECJ-0EB1A104K Panasonic
10%
C46, C51, C74,
0.1
µF
SMD_0603
GRM188R71H10 Murata
10%
C75
4KA93D
C52
0.01
µF
SMD_0603
C0603C103K1R
Kemet
10%
ACTU
C57, C58
27 pF
SMD_0603
GRM1885C2A27 Murata
5%
0JA01D
C73
10
µF
TANT_A
TAJA106K016R
AVX
10%
JP2, JP8, JP9
HEADER 3POS
Short pins 1–2
.1 CTR
with shunt
connectors
DigiKey #
S9000-ND
CONN JUMPER
S9000-ND
DigiKey
SHORTING
JP3, JP4, JP5
NO PART
SMD_BRIDGE_
Short pins 1–2
0603
using 0-
Ω
resistors
J1, J4, J5
RED
ST-351A
ALLIED
ELECTRONICS
J2
BLK
ST-351B
ALLIED
ELECTRONICS
J6
HEADER 4
JUMPER4
J8
QTH-060-02-F-
QTH-040-01-F-
Samtec
D-A
D-DP-A
J9, J10, J13,
SMA
142-0701-201
Johmson
J14, J17, J18,
Components
J21, J22, J26
J11, J12, J15,
NOT
SMA
142-0701-201
Johmson
J16, J19, J20,
INSTALLED
Components
J23, J24
J25
CONN USB TYP
897-43-004-90-
Milmax
B FEM
000000
20
SLAU205 – January 2008
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com