Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3535
Description  Synchronous Buck Converter Driver Over temperature reporting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 2 Page - International Rectifier

  IR3535 Datasheet HTML 1Page - International Rectifier IR3535 Datasheet HTML 2Page - International Rectifier IR3535 Datasheet HTML 3Page - International Rectifier IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
2
IR3535 
Synchronous Buck Converter Driver 
ORDERING INFORMATION 
Package 
Tape & Reel Qty 
Part Number
16 Lead MLPQ 
(3 x 3 mm body) 
3000 
IR3535MTRPBF 
 
PIN DIAGRAM 
BBR#
1
LGND
REFIN
2
3
IOUT
GATEH
SW
PGND
GATEL
4
12
11
10
9
5
6
7
8
16
15
14
13
IR3535
17
TGND
 
Figure 3: IR3535 Pin Diagram (Top View) 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com