Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3535
Description  Synchronous Buck Converter Driver Over temperature reporting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3535 Datasheet HTML 2Page - International Rectifier IR3535 Datasheet HTML 3Page - International Rectifier IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
6
IR3535 
Synchronous Buck Converter Driver 
ELECTRICAL  SPECIFICATIONS 
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN 
 
SYMBOL 
MIN 
MAX 
UNITS
Recommended VIN Range 
VIN 
4.5 
14 
V 
Recommended VCC Range 
VCC 
4.5 
7 
V 
Recommended REFIN Range (VCC = 4.5V to 5.5V) 
REFIN 
0.25 
2.0 
V 
Recommended REFIN Range (VCC = 5.5V to 7V) 
REFIN 
0.25 
3.3 
V 
Recommended Switching Frequency 
FSW 
200 
1000 
kHz 
Recommended Operating Junction Temperature 
TJ 
0 
125 
°C 
 
ELECTRICAL CHARACTERISTICS 
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions. 
Typical values represent the median values, which are related to 25°C.  
CGATEH = 3.3nF, CGATEL = 6.8nF (unless otherwise specified).  
PARAMETER 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Gate Drivers 
GATEH Source Resistance 
BOOST – SW = 7V   
670   
MΩ 
GATEH Sink Resistance 
BOOST – SW = 7V   
670   
MΩ 
GATEL Source Resistance 
PVCC – PGND = 7V   
670   
MΩ 
GATEL Sink Resistance 
PVCC – PGND = 7V   
300   
MΩ 
GATEH Source Current 
BOOST = 7V, GATEH = 2.5V, SW = 0V   
3   
A 
GATEH Sink Current 
BOOST = 7V, GATEH = 2.5V, SW = 0V   
4   
A 
GATEL Source Current 
PVCC = 7V, GATEL = 2.5V, SW = 0V   
4   
A 
GATEL Sink Current 
PVCC = 7V, GATEL = 2.5V, SW = 0V  
6 
  
A 
GATEH Rise Time 
BOOST – SW = 7V, measure 1V to 4V 
transition time 
  
5 
10  
ns 
GATEH Fall Time 
BOOST – SW = 7V, measure 4V to 1V 
transition time 
  
4  
8 
ns 
GATEL Rise Time 
PVCC – PGND = 7V, measure 1V to 4V 
transition time 
  
10 
20 
ns 
GATEL Fall Time 
PVCC – PGND = 7V, measure 4V to 1V 
transition time 
 
5 
10 
ns 
GATEL Low to GATEH High Delay 
BOOST = PVCC = 7V, SW = PGND = 0V, 
measure time from GATEL falling to 1V to 
GATEH rising to 1V 
10 
15 
30 
ns 
GATEH Low to GATEL High Delay 
BOOST = PVCC = 7V, SW = PGND = 0V, 
measure time from GATEH falling to 1V to 
GATEL rising to 1V 
10 
15 
30 
ns 
Disable Pull Down Resistance 
GATEH to SW, GATEL to PGND 
30 
80 
130 
KΩ 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com