Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3535
Description  Synchronous Buck Converter Driver Over temperature reporting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier IR3535 Datasheet HTML 11Page - International Rectifier IR3535 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
8
IR3535 
Synchronous Buck Converter Driver 
PARAMETER 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Operating Bias Voltage  
4.5  
7 
V 
Digital Input ― BBR# 
VIL 
Input Low Threshold 
0.8  
 
V 
VIH 
Input High Threshold  
 
2.0 
V 
Internal Pull Up Resistance 
VCC > UVLO 
69 
200 
340 
KΩ 
Internal Pull Up Voltage 
VCC > UVLO  
3.3  
V 
General 
VCC Supply Current  
4 
8 
12 
mA 
VIN Supply Curent 
4.5 ≤ V(VIN) ≤ 14V 
0.05 
0.15 
0.4 
mA 
Switch Node Bias Current  
  
 
5 
mA 
BOOST Supply Current 
4.75 ≤ V(BOOST) – V(SW) ≤ 7V 
0.5 
1.5 
3 
mA 
REFIN Bias Current  
‐1.5 
0 
1 
µA 
SW Floating Voltage 
CSIN‐ tied to SW, PWM Tri‐State 
0.1 
0.3 
0.4 
V 
Diode  Emulation Mode Comparator 
Input Offset Voltage 
Note 2 ‐12 ‐3 
3 
mV 
Leading Edge Blanking Time 
V(GATEL) > 1V Starts Timer, Note 1 
100 
150 
200 
ns 
Propagation Delay 
Blanking Expired, +2.5mV overdrive to 
V(GATEL) < 1V, Note 1 
 
41 
50 
ns 
Negative Current Time‐Out 
PWM = Tri‐State, V(SW) < = ‐10mV 
20 
30 
45 
µs 
VCC Under Voltage Lockout 
Start  
3.3 
3.7 
4.1 
V 
Stop  
3 
3.4 
3.8 
V 
Hysteresis  
0.25 
0.35 
0.45 
V 
Thermal Flag 
Rising Threshold 
PHSFLT# Drives Low. Note 1  
115  
°C 
Falling Threshold 
Note 1  
95  
°C 
Note:  
1.   Guaranteed by design but not tested in production 
2. 
The Diode Emulation Mode (DEM) comparator measures the SW against PGND.  The input offset is biased slightly to the negative so 
that a slightly positive current in the synchronous MOSFET is treated as zero current to accommodate propagation delays and 
untrimmed accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com