Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3535
Description  Synchronous Buck Converter Driver Over temperature reporting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 4 Page - International Rectifier

  IR3535 Datasheet HTML 1Page - International Rectifier IR3535 Datasheet HTML 2Page - International Rectifier IR3535 Datasheet HTML 3Page - International Rectifier IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
4
IR3535 
Synchronous Buck Converter Driver 
PIN DESCRIPTIONS 
PIN #
PIN NAME
PIN DESCRIPTION
1 
BBR# 
3.3V logic level input, 7V tolerant, with internal weak pull‐up to 3.3V. Logic “Low” to disable both 
MOSFETs. Pulling BBR# low momentarily after VCC passes its UVLO threshold activates the Diode 
Emulation Mode.  
2 
LGND 
Ground for control logic and analog circuits. IC substrate is connected to this pin. 
3 
REFIN 
Reference  voltage  input  from  the  PWM  controller.  The  current  sense  signal  is  referenced  to  the 
voltage on this pin. Connect to LGND if the current sense amplifier is not used. 
4 
IOUT 
Voltage on this pin is equal to V(REFIN) +  32.5 * [V(CSIN+) – V(CSIN‐)]. Float this pin if the current 
sense amplifier is not used. 
5 
CSIN‐ 
Inverting input to the current sense amplifier. Connect to LGND if the current sense amplifier is not 
used. 
6 
CSIN+ 
Non‐Inverting input to the current sense amplifier. Connect to LGND if the current sense amplifier 
is not used. 
7 
VCC 
Bias voltage for control logic and analog functions.  
8 
PVCC 
Voltage  for  low‐side  MOSFET  driver.  Internal bootstrap  synchronous  PFET  is  connected  from  this 
pin to the BOOST pin. Connect a 1uF capacitor between PVCC and PGND. 
9 
GATEL 
Low‐side driver output and input to GATEH non‐overlap comparator. 
10 
PGND 
Return for low side driver and reference for GATEH non‐overlap comparator. 
11 
SW 
Return for high‐side driver and reference for GATEL non‐overlap comparator. 
12 
GATEH 
High‐side driver output and input to GATEL non‐overlap comparator. 
13 
BOOST 
Supply  for  high‐side  driver.  Internal  bootstrap  synchronous  PFET  is  connected  between  this  pin 
and the PVCC pin. Connect a minimum 0.22µF 16Vdc capacitor from BOOST to SW pin. 
14 
VIN 
Power rail input for phase fault detection. 
15 
PHSFLT# 
Open  collector  output  of  the  phase  fault  comparators.  7V  tolerant,  connect  to  an  external 
pull‐up resistor. Output is low when a MOSFET fault or over temperature condition is detected. 
16 
PWM 
3.3V logic level Tri‐state PWM input, 7V tolerant. “High” turns the control MOSFET on, and “Low” 
turns  the  synchronous  MOSFET  on.  “Tri‐state”  turns  the  control  MOSFET  off  without  delay.  
Depending on the mode the IR3535, “Tri‐state” either turns the synchronous MOSFET off without 
delay in Body‐Braking™ mode or turns synchronous MOEFET off when the current reaches zero in 
diode emulation mode. See “Theory of Operation” section for further details. 
17 
TGND 
Ground pad for thermal dissipation. Connected to IC substrate. Connect this pad to ground planes 
through four vias. 
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com