Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3535
Description  Synchronous Buck Converter Driver Over temperature reporting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier IR3535 Datasheet HTML 11Page - International Rectifier IR3535 Datasheet HTML 12Page - International Rectifier IR3535 Datasheet HTML 13Page - International Rectifier IR3535 Datasheet HTML 14Page - International Rectifier IR3535 Datasheet HTML 15Page - International Rectifier IR3535 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
12
IR3535 
Synchronous Buck Converter Driver 
DESIGN PROCEDURES 
 
INDUCTOR CURRENT SENSING CAPACITOR  
CCS AND RESISTOR RCS 
The  DC  resistance  of  the  inductor  is  utilized  to  sense  the 
inductor current. Usually the resistor RCS and capacitor CCS 
in parallel with the inductor are chosen to match the time 
constant of the inductor, and therefore the voltage across 
the capacitor CCS represents the inductor current.  
Determine the inductance L and the inductor DC resistance 
RL based on measurement or the datasheet specifications. 
Pre‐select the capacitor CCS and calculate RCS as follows: 
CS
L
CS
C
R
L
R
=
BOOTSTRAP CAPACITOR CBOOST 
A minimum of 0.22uF 0402 16Vdc capacitor is required for 
the bootstrap circuit. A high temperature 0.22uF or greater 
value 0603 capacitor is recommended.  
VCC AND PVCC DECOUPLING CAPACITOR CVCC 
A 1uF ceramic decoupling capacitor is required at the VCC 
and PVCC pins.  
BODY‐BRAKING® FEATURE 
The BBR# pin should be pulled up to VCC if the feature is 
not  used  by  the  PWM  controller.  Use  of  a  small  value 
resistor or a direct connection to VCC is recommended. 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com