Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3535
Description  Synchronous Buck Converter Driver Over temperature reporting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 3 Page - International Rectifier

  IR3535 Datasheet HTML 1Page - International Rectifier IR3535 Datasheet HTML 2Page - International Rectifier IR3535 Datasheet HTML 3Page - International Rectifier IR3535 Datasheet HTML 4Page - International Rectifier IR3535 Datasheet HTML 5Page - International Rectifier IR3535 Datasheet HTML 6Page - International Rectifier IR3535 Datasheet HTML 7Page - International Rectifier IR3535 Datasheet HTML 8Page - International Rectifier IR3535 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
3
IR3535 
Synchronous Buck Converter Driver 
FUNCTIONAL BLOCK DIAGRAM 
PWM
11
14
VIN
SW
5
10
CSIN‐
PGND
13 BOOST
Power‐on 
Reset 
(POR),
3.3V 
Reference,
and 
Dead‐time 
Control
16
IOUT
4
VCC
7
BBR#
1
9
GATEL
Driver
Driver
15
PHSFLT#
6
CSIN+
2
LGND
3
REFIN
Current Sense 
Amplifier
MOSFET
& Thermal 
Detection
S     Q
R
POR
3.3V
VCC
‐
+
3.3V
200k
‐
+
Diode 
Emulation 
Comparator
IR3535
Offset ‐+
12 GATEH
8PVCC
80k
80k
3.3V
Tri‐state 
Logic
5.1k
5.1k
X32.5
17
TGND
 
Figure 4: IR3535 Functional Block Diagram 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com