Electronic Components Datasheet Search
  English  ▼

X  

IR3598MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3598MPBF
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3598MPBF Datasheet HTML 12Page - International Rectifier IR3598MPBF Datasheet HTML 13Page - International Rectifier IR3598MPBF Datasheet HTML 14Page - International Rectifier IR3598MPBF Datasheet HTML 15Page - International Rectifier IR3598MPBF Datasheet HTML 16Page - International Rectifier IR3598MPBF Datasheet HTML 17Page - International Rectifier IR3598MPBF Datasheet HTML 18Page - International Rectifier IR3598MPBF Datasheet HTML 19Page - International Rectifier IR3598MPBF Datasheet HTML 20Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Dual/Doubler Interleaved MOSFET Driver
October 27, 2011 | FINAL | V1.09
16
IR3598
This fast tri-state operation eliminates the need for any
tri-state hold-off time of the PWM signal to dwell in the
shutdown window. Dedicated disable or enable pins are
not required which simplifies the routing and layout in
applications with a limited number of board layers. It also
provides switching free of shoot through for slow PWM
transition times of up to 20ns. The IR3598 is therefore
tolerant of stray capacitance on the PWM signal lines.
The IR3598 provides a 1.0mA typical pull-up current to
drive the PWM input to the tri-state condition of 3.3V
when the PWM controller output is in its high impedance
state. The 1.0mA typical current is designed for driving
worst case stray capacitances and transition the IR3598
into the tri-state condition rapidly to avoid a prolonged
period of conduction of the high or low side MOSFETs
during faults. Immediately after the driver is driven into
the tri-state mode, the 1mA current is disables such that
power is conserved.
START UP
During initial startup, the IR3598 holds both high- and
low-side drivers low even after POR threshold is reached
if the device is in IR ATL mode. This mode is maintained
while the PWM signal is pulled to the tri-state threshold
level greater than the tri-state HI_GATE threshold and until
it transitions out of tri-state. It is this initial transition out
of the tri-state which enables both drivers to switch based
on the normal PWM voltage levels.
This startup also ensures that any undetermined PWM
signal levels from a controller in pre-POR state will not
result in high or low-side MOSFET turn on until the
controller is out of its POR.
For Tri-state mode, the POR operation is the same except
the driver does not look for an input tri-state before
functioning.
HIGH SIDE DRIVER
The high-side driver drives an external floating N-channel
MOSFET. An external bootstrap circuit referenced to the
SWITCH node, consisting of a boot diode and capacitor is
used to bias the external MOSFET gate. When the SWITCH
node is at ground, the boot capacitor is charged to near
the supply voltage using the boot diode and this stored
charge is used to turn on the external MOSFET when the
PWM signal goes high. Once the high-side MOSFET is
turned on, the SWITCH voltage rises to the supply voltage
and the boot voltage rises to equal to the supply voltage
plus the VDRV voltage less the diode forward voltage.
When the PWM signal goes low, the MOSFET is turned off
by pulling the MOSFET gate to the SWITCH voltage.
LOW SIDE DRIVER
The IR3598 low-side driver is designed to drive an external
N-channel MOSFET referenced to ground. The low-side
driver is connected internally to the supply voltage to turn
the MOSFET on.
When the low-side MOSFET is turned on the SWITCH node
is pulled to ground. This allows charging of the boot
capacitor to the supply voltage ready to drive the high-side
MOSFET based on the PWM signal level.
ADAPTIVE DEAD TIME ADJUSTMENT
In a synchronous buck configuration dead time between
the turn off of one MOSFET and turn on of the other is
necessary to prevent simultaneous conduction.
This prevents a shoot-through condition which would
result in a short of the supply voltage to ground. A fixed
dead time does not provide optimal performance over a
variety of MOSFETs, converter duty cycles and board
layouts.
The IR3598 provides an ‘adaptive’ dead time adjustment.
This feature minimizes dead time to an optimum duration
which allows for maximum efficiency. The ‘break before
make’ adaptive design is achieved by monitoring gate and
SWITCH voltages to determine OFF status of a MOSFET.
It also provides zero-voltage switching (ZVS) of the low side
MOSFET with minimum current conduction through its
body-diode.
When operating in IR ATL mode, and the PWM is switching
between 1.8V and 0V, its falling edge transition from high
to low will turn off the high side gate driver. The adaptive
dead time circuit monitors the HI_GATE and the SWITCH
node voltages during the high side MOSFET turn off. When
the HI_GATE falls below 1.25V above the SWITCH node
potential or the SWITCH node voltage drops below 1.38 V
the high side MOSFET is determined to be turned off and
the LO_GATE turn on is initiated. This turns on the external
low-side MOSFET. The rising edge transition of the PWM
signal from low to high voltage causes the low-side gate
driver to turn off. The adaptive circuit monitors the voltage
at LO_GATE and when it falls below 1.38V, the low-side
MOSFET is determined to be turned off and the high-side
MOSFET turn on is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com