Electronic Components Datasheet Search
  English  ▼

X  

IR3598MPBF Datasheet(PDF) 17 Page - International Rectifier

Part # IR3598MPBF
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598MPBF Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3598MPBF Datasheet HTML 12Page - International Rectifier IR3598MPBF Datasheet HTML 13Page - International Rectifier IR3598MPBF Datasheet HTML 14Page - International Rectifier IR3598MPBF Datasheet HTML 15Page - International Rectifier IR3598MPBF Datasheet HTML 16Page - International Rectifier IR3598MPBF Datasheet HTML 17Page - International Rectifier IR3598MPBF Datasheet HTML 18Page - International Rectifier IR3598MPBF Datasheet HTML 19Page - International Rectifier IR3598MPBF Datasheet HTML 20Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Dual/Doubler Interleaved MOSFET Driver
October 27, 2011 | FINAL | V1.09
17
IR3598
FREQUENCY RANGE
The IR3598 is designed to operate over a wide input and
output frequency range. When operating in Dual Mode,
the input and output frequencies are identical. When
operating in Doubler mode, the input frequency at the
PWM1 input is twice the output frequency.
The lower limit of the output frequency range is dictated
by the size of the BOOT capacitor, which must provide
charge to the HIGH side MOSFET during the entire on time.
The upper limit of frequency is determined by thermal
limitations as well as pulse width limitations. The IR3598
is designed to operate with input frequencies as low as
300kHz and output frequencies in excess of 1MHz.
ENABLE
When enable is low there are no High Gate or Low Gate
outputs, both HGx and LGx are held low so that no
MOSFET switching occurs. When enable goes high from
a low, the driver passes the appropriate PWM signal as
described previously in this datasheet.
DOUBLER MODE REACTION TO TRI-STATE
PWM INPUT
In Doubler mode, anytime there is a tri-state on the master
PWM1, all outputs (HGx and LGx) are tri-stated. When the
PWM1 transitions from a tri-state to a high and then from
a high to a low, only the 0deg phase operates. This allows
the VR to operate properly in PS2 mode and during load
releases.
Once the PWM1 sees a transition from a low to a high,
the doubler function starts again, with output on both sets
of HGx and LGx. DUAL Mode Reaction to Tri-State
PWM input
Anytime there is a tri-state on the PWMx, all outputs
(HGx and LGx) associated with that PWMx are low.
USING A DUAL MODE DRIVER AS
A SINGLE DRIVER
To use the Dual Mode driver as a single simply leave the
unused input to float. With PWM floating, both HGx and
LGx will be off. Alternatively you can ground the input
which will sink 1 mAdc to ground. This will cause HGx to be
off and LGx to be on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com