Electronic Components Datasheet Search
  English  ▼

X  

IR3598MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3598MPBF
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3598MPBF Datasheet HTML 5Page - International Rectifier IR3598MPBF Datasheet HTML 6Page - International Rectifier IR3598MPBF Datasheet HTML 7Page - International Rectifier IR3598MPBF Datasheet HTML 8Page - International Rectifier IR3598MPBF Datasheet HTML 9Page - International Rectifier IR3598MPBF Datasheet HTML 10Page - International Rectifier IR3598MPBF Datasheet HTML 11Page - International Rectifier IR3598MPBF Datasheet HTML 12Page - International Rectifier IR3598MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Dual/Doubler Interleaved MOSFET Driver
October 27, 2011 | FINAL | V1.09
9
IR3598
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Tri-State Hold Off Time, Note 1
-
80
-
ns
PWM Input Pull-Up Voltage
VPWM_pull up
PWM Input Floating
1.3
1.55
1.9
V
PWM Input Resistance, Note 1
RPWM
PWM Input Floating
-
3.75
-
kΩ
Minimum Recognized PWM Pulse Width,
Note 1
ATL (IR) and Tri-State Modes
-
40
-
nSec
High Side Gate Drivers
Transition Time ― Rise, Note1
tR(HS)
3nF Load, VDRV = 5-12V
-
15
-
ns
Transition Time ― Fall, Note1
tF(HS)
3nF Load, VDRV = 12V
-
12
-
ns
Transition Time ― Fall, Note1
tF(HS)
3nF Load, VDRV = 5V
-
17
-
ns
Propagation Delay ― Turn-on all modes,
Note 1
tPDH(HS)
3nF Load, VDRV = 5-12V
-
23
-
ns
Propagation Delay ― Turn-off Dual, Note
1
tPDL(HS)
3nF Load, VDRV = 5-12V
-
17
-
ns
Propagation Delay ― Turn-off Doubler,
Note 1
tPDL(HS)
3nF Load, VDRV = 5-12V
-
24
-
ns
Propagation Delay ― Exit Tri-State Dual,
Note 1
tPDTS(HS_en)
3nF Load
-
40
-
ns
Propagation Delay ― Exit Tri-State
Doubler, Note 1
tPDTS(HS_en)
3nF Load
-
40
-
ns
Propagation Delay ― Enter Tri-State
Dual, Note 1
tPDTS(HS_dis)
3nF Load
-
19
-
ns
Propagation Delay ― Enter Tri-State
Doubler, Note 1
tPDTS(HS_dis)
3nF Load
-
19
-
ns
Output Impedance Source, Note 1
RHS_SOURCE
VDRV = 12V, 100mA
-
1.1
-
Ω
Output Impedance Source, Note 1
RHS_SOURCE
VDRV = 5V, 100mA
-
1.4
-
Ω
Output Impedance ― Sinking, Note 1
RHS_SINK
VDRV = 12V, 100mA
-
0.60
-
Ω
Output Impedance ― Sinking
RHS_SINK
VDRV = 5V, 100mA
0.70
0.90
1.20
Ω
Low Side Gate Drivers
Transition Time ― Rise, Note 1
tR(LS)
3nF Load, VDRV = 5-12V
-
14
-
ns
Transition Time ― Fall, Note 1
tF(LS)
3nF Load, VDRV = 12V
-
7
-
ns
Transition Time ― Fall, Note 1
tF(LS)
3nF Load, VDRV = 5V
-
8.5
-
ns
Propagation Delay ― Turn-on all modes,
Note 1
tPDH(LS)
3nF Load, VDRV = 5-12V
-
20
-
ns
Propagation Delay ― Turn-off Dual, Note
1
tPDL(LS)
3nF Load, VDRV = 5-12V
-
18
-
ns
Propagation Delay ― Turn-off Doubler,
Note 1
tPDL(LS)
3nF Load, VDRV = 5-12V
-
24
-
ns
Propagation Delay ― Exit Tri-State Dual,
Note 1
tPDTS(LS_en)
3nF Load
-
24
-
ns
Propagation Delay ― Exit Tri-State
Doubler, Note 1
tPDTS(LS_en)
3nF Load
-
30
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com