Electronic Components Datasheet Search
  English  ▼

X  

IR3598MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3598MPBF
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3598MPBF Datasheet HTML 3Page - International Rectifier IR3598MPBF Datasheet HTML 4Page - International Rectifier IR3598MPBF Datasheet HTML 5Page - International Rectifier IR3598MPBF Datasheet HTML 6Page - International Rectifier IR3598MPBF Datasheet HTML 7Page - International Rectifier IR3598MPBF Datasheet HTML 8Page - International Rectifier IR3598MPBF Datasheet HTML 9Page - International Rectifier IR3598MPBF Datasheet HTML 10Page - International Rectifier IR3598MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Dual/Doubler Interleaved MOSFET Driver
October 27, 2011 | FINAL | V1.09
7
IR3598
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
VCC
-0.3V to +7.0V
VDRV
-0.3V to +15.0V
PWM1, PWM2, EN, MODE, FUNCTION
-0.3V to VCC +0.3V
BOOTx-GND, BOOTx – SWx
-0.3V to +35V, -0.3V to +15.0V
LG1, LG2
DC -0.3V to VDRV + 0.3V, <200ns: -5V to VDRV + 0.3V
HG1, HG2
SWx – 0.3V to VBOOT + 0.3V, <20ns: SWx – 5V to VBOOT + 0.3V
SW1, SW2
-0.3V to +35V, <200nS, -8V
ESD
750V HBM
Thermal Information
Thermal Resistance (ΘJC)
3°C/W
Thermal Resistance (ΘJA)
1
45°C/W
Maximum Junction Temperature
150°C
Maximum Storage Temperature Range
-65°C to 150°C
Maximum Lead Temperature (Soldering 10s)
300°C
Note 1: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com