Electronic Components Datasheet Search
  English  ▼

X  

IR3598MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3598MPBF
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598MPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3598MPBF Datasheet HTML 1Page - International Rectifier IR3598MPBF Datasheet HTML 2Page - International Rectifier IR3598MPBF Datasheet HTML 3Page - International Rectifier IR3598MPBF Datasheet HTML 4Page - International Rectifier IR3598MPBF Datasheet HTML 5Page - International Rectifier IR3598MPBF Datasheet HTML 6Page - International Rectifier IR3598MPBF Datasheet HTML 7Page - International Rectifier IR3598MPBF Datasheet HTML 8Page - International Rectifier IR3598MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Dual/Doubler Interleaved MOSFET Driver
October 27, 2011 | FINAL | V1.09
5
IR3598
+3.3V
V_CPU_L1
IR3538/
CHL8328
VINSEN
PWM8
PWM2
PWM1
VSEN
VCC
RRES
V18A
VRTN
IRTN1
RCSP
RCSM
ISEN1
+12V Main
L
O
A
D
RCS
CCS
Rseries
Rseries
RTh
RVIN_1
RVIN_2
TSEN
RTh2
GND
12V
V_VGD
VAR_GATE
Optional Variable
Gate Drive Circuit
VDRV
LG1
HG1
VCC
GND
PWM
12V
BOOT2
SW1
V_VGD
MODE
5V
12V
FUNCTION
LG2
HG2
SW2
BOOT1
12V
V_VGD
5V
12V
12V
V_VGD
5V
12V
VDRV
LG1
HG1
VCC
GND
PWM
BOOT2
SW1
MODE
FUNCTION
LG2
HG2
SW2
BOOT1
VDRV
LG1
HG1
VCC
GND
PWM
BOOT2
SW1
MODE
FUNCTION
LG2
HG2
SW2
BOOT1
IRTN2
ISEN2
IRTN8
ISEN8
HVCC
LOGATE
HIGATE
VCC
GND
PWM
LVCC
BOOT
SWITCH
IR3537/CHL8510
MODE
VSEN_L2
VRTN_L2
VR_RDY_L1
VR_RDY_L2
To/From
System
SMB_CLK
SMB_DIO
I2C or
SMBus
RCSP_L2
RCSM_L2
RCS
CCS
Rseries
Rseries
RTh
SV_DIO
SV_CLK
To/From
CPU
SV_ALERT#
GPO_B
1
SMB_ALERT
PSI
2
CFP
SV_ADDR
PM_ADDR
3.3V
VR_HOT#
TSEN2
1
RTh2
Figure 5: 16-Phase VR solution using IR3598 MOSFET drivers in DOUBLER mode & IR3538/CHL8328 Controller
with the IR3537/CHL8510 as a VGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com