Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 19 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 19 Page - TDK Electronics

Back Button C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0±60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH2E122K080AA
C1608CH2A122K080AA
± 5%
C1608CH2E122J080AA
C1608CH2A122J080AA
2012
0.60 ± 0.15
± 10%
C2012CH2W122K060AA
± 5%
C2012CH2W122J060AA
C2012CH2A122J060AA
0.85 ± 0.15
± 10%
C2012CH2E122K085AA
± 5%
C2012CH2E122J085AA
3216
0.85 ± 0.15
± 10%
C3216CH2J122K085AA
± 5%
C3216CH2J122J085AA
1.5 nF
1608
0.80 ± 0.10
± 10%
C1608CH2E152K080AA
C1608CH2A152K080AA
± 5%
C1608CH2E152J080AA
C1608CH2A152J080AA
2012
0.60 ± 0.15
± 10%
C2012CH2A152K060AA
± 5%
C2012CH2A152J060AA
0.85 ± 0.15
± 10%
C2012CH2W152K085AA
C2012CH2E152K085AA
± 5%
C2012CH2W152J085AA
C2012CH2E152J085AA
3216
1.15 ± 0.15
± 10%
C3216CH2J152K115AA
± 5%
C3216CH2J152J115AA
1.8 nF
1608
0.80 ± 0.10
± 10%
C1608CH2E182K080AA
C1608CH2A182K080AA
± 5%
C1608CH2E182J080AA
C1608CH2A182J080AA
2012
0.85 ± 0.15
± 10%
C2012CH2W182K085AA
C2012CH2A182K085AA
± 5%
C2012CH2W182J085AA
C2012CH2A182J085AA
1.25 ± 0.20
± 10%
C2012CH2E182K125AA
± 5%
C2012CH2E182J125AA
3216
1.15 ± 0.15
± 10%
C3216CH2J182K115AA
± 5%
C3216CH2J182J115AA
2.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH2A222K080AA
± 5%
C1608CH2A222J080AA
0.80 +0.15/-0.1
± 10%
C1608CH2E222K080AA
± 5%
C1608CH2E222J080AA
2012
0.85 ± 0.15
± 10%
C2012CH2W222K085AA
C2012CH2A222K085AA
± 5%
C2012CH2W222J085AA
C2012CH2A222J085AA
1.25 ± 0.20
± 10%
C2012CH2E222K125AA
± 5%
C2012CH2E222J125AA
3216
1.15 ± 0.15
± 10%
C3216CH2J222K115AA
± 5%
C3216CH2J222J115AA
2.7 nF
1608
0.80 +0.15/-0.1
± 10%
C1608CH2A272K080AA
± 5%
C1608CH2A272J080AA
2012
1.25 ± 0.20
± 10%
C2012CH2W272K125AA
C2012CH2E272K125AA
C2012CH2A272K125AA
± 5%
C2012CH2W272J125AA
C2012CH2E272J125AA
C2012CH2A272J125AA
3216
1.60 ± 0.20
± 10%
C3216CH2J272K160AA
± 5%
C3216CH2J272J160AA
3.3 nF
1608
0.80 +0.15/-0.1
± 10%
C1608CH2A332K080AA
± 5%
C1608CH2A332J080AA
2012
0.85 ± 0.15
± 10%
C2012CH2E332K085AA
± 5%
C2012CH2E332J085AA
1.25 ± 0.20
± 10%
C2012CH2W332K125AA
C2012CH2A332K125AA
± 5%
C2012CH2W332J125AA
C2012CH2A332J125AA
3216
0.85 ± 0.15
± 10%
C3216CH2E332K085AA
± 5%
C3216CH2E332J085AA
1.60 ± 0.20
± 10%
C3216CH2J332K160AA
± 5%
C3216CH2J332J160AA
3.9 nF
2012
1.25 ± 0.20
± 10%
C2012CH2W392K125AA
C2012CH2E392K125AA
C2012CH2A392K125AA
± 5%
C2012CH2W392J125AA
C2012CH2E392J125AA
C2012CH2A392J125AA
3216
0.60 ± 0.15
± 10%
C3216CH2A392K060AA
± 5%
C3216CH2A392J060AA
0.85 ± 0.15
± 10%
C3216CH2J392K085AA
± 5%
C3216CH2J392J085AA
1.15 ± 0.15
± 10%
C3216CH2E392K115AA
± 5%
C3216CH2E392J115AA
3225
1.25 ± 0.20
± 10%
C3225CH2J392K125AA
± 5%
C3225CH2J392J125AA
4.7 nF
2012
1.25 ± 0.20
± 10%
C2012CH2W472K125AA
C2012CH2E472K125AA
C2012CH2A472K125AA
± 5%
C2012CH2W472J125AA
C2012CH2E472J125AA
C2012CH2A472J125AA
Page 18
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com