Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 31 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 31 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 350V
Rated Voltage Edc: 250V
220 nF
3216
1.60 ± 0.20
± 10%
C3216X7T2E224K160AA
± 20%
C3216X7T2E224M160AA
3225
2.00 ± 0.20
± 10%
C3225X7T2W224K200AA
± 20%
C3225X7T2W224M200AA
4532
2.00 ± 0.20
± 10%
C4532X7T2J224K200KC
± 20%
C4532X7T2J224M200KC
300 nF
4532
2.00 ± 0.20
± 10%
C4532X7T2J304K250KA
± 20%
C4532X7T2J304M250KA
330 nF
3225
2.00 ± 0.20
± 10%
C3225X7T2E334K200AA
± 20%
C3225X7T2E334M200AA
4532
1.60 ± 0.20
± 10%
C4532X7T2W334K160KA
± 20%
C4532X7T2W334M160KA
5750
2.00 ± 0.20
± 10%
C5750X7T2J334K200KC
± 20%
C5750X7T2J334M200KC
470 nF
4532
2.30 ± 0.20
± 10%
C4532X7T2W474K230KA
± 20%
C4532X7T2W474M230KA
5750
2.50 ± 0.30
± 10%
C5750X7T2J474K250KC
± 20%
C5750X7T2J474M250KC
680 nF
4532
1.60 ± 0.20
± 10%
C4532X7T2E684K160KA
± 20%
C4532X7T2E684M160KA
5750
2.00 ± 0.20
± 10%
C5750X7T2W684K200KA
± 20%
C5750X7T2W684M200KA
1 F
4532
2.50 ± 0.30
± 10%
C4532X7T2E105K250KA
± 20%
C4532X7T2E105M250KA
5750
2.50 ± 0.30
± 10%
C5750X7T2W105K250KA
± 20%
C5750X7T2W105M250KA
1.5 F
5750
2.00 ± 0.20
± 10%
C5750X7T2E155K200KA
± 20%
C5750X7T2E155M200KA
2.2 F
5750
2.50 ± 0.30
± 10%
C5750X7T2E225K250KA
± 20%
C5750X7T2E225M250KA
Class 2 (Temperature Stable)
Temperature Characteristics: X7T (-55 to +125ºC, +22/-33%)
Page 30
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com