Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 30 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 30 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 350V
Rated Voltage Edc: 250V
10 nF
2012
0.85 ± 0.15
± 10%
C2012X7T2W103K085AA
C2012X7T2V103K085AA
± 20%
C2012X7T2W103M085AA
C2012X7T2V103M085AA
3216
0.85 ± 0.10
± 10%
C3216X7T2J103K085AC
± 20%
C3216X7T2J103M085AC
15 nF
2012
0.85 ± 0.15
± 10%
C2012X7T2W153K085AA
C2012X7T2V153K085AA
± 20%
C2012X7T2W153M085AA
C2012X7T2V153M085AA
3216
0.85 ± 0.10
± 10%
C3216X7T2J153K085AC
± 20%
C3216X7T2J153M085AC
22 nF
2012
1.25 ± 0.20
± 10%
C2012X7T2W223K125AA
C2012X7T2V223K125AA
± 20%
C2012X7T2W223M125AA
C2012X7T2V223M125AA
3216
1.15 ± 0.10
± 10%
C3216X7T2J223K115AC
± 20%
C3216X7T2J223M115AC
33 nF
2012
1.25 ± 0.20
± 10%
C2012X7T2W333K125AA
C2012X7T2V333K125AA
C2012X7T2E333K125AA
± 20%
C2012X7T2W333M125AA
C2012X7T2V333M125AA
C2012X7T2E333M125AA
3216
1.15 ± 0.10
± 10%
C3216X7T2J333K115AC
± 20%
C3216X7T2J333M115AC
47 nF
2012
1.25 ± 0.20
± 10%
C2012X7T2W473K125AA
C2012X7T2V473K125AA
C2012X7T2E473K125AA
± 20%
C2012X7T2W473M125AA
C2012X7T2V473M125AA
C2012X7T2E473M125AA
3216
1.60 ± 0.20
± 10%
C3216X7T2J473K160AC
± 20%
C3216X7T2J473M160AC
68 nF
2012
1.25 ± 0.20
± 10%
C2012X7T2E683K125AA
± 20%
C2012X7T2E683M125AA
3216
1.30 ± 0.10
± 10%
C3216X7T2W683K130AA
C3216X7T2V683K130AA
± 20%
C3216X7T2W683M130AA
C3216X7T2V683M130AA
100 nF
2012
1.25 ± 0.20
± 10%
C2012X7T2E104K125AA
± 20%
C2012X7T2E104M125AA
3216
1.60 ± 0.20
± 10%
C3216X7T2W104K160AA
C3216X7T2V104K160AA
± 20%
C3216X7T2W104M160AA
C3216X7T2V104M160AA
3225
1.60 ± 0.20
± 10%
C3225X7T2J104K160AC
± 20%
C3225X7T2J104M160AC
150 nF
3216
1.30 ± 0.10
± 10%
C3216X7T2E154K130AA
± 20%
C3216X7T2E154M130AA
3225
2.00 ± 0.20
± 10%
C3225X7T2J154K200AC
± 20%
C3225X7T2J154M200AC
4532
1.60 ± 0.20
± 10%
C4532X7T2J154K160KC
± 20%
C4532X7T2J154M160KC
Class 2 (Temperature Stable)
Temperature Characteristics: X7T (-55 to +125ºC, +22/-33%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1.5 F
3216
1.60 ± 0.20
± 10%
C3216X7S2A155K160AB
± 20%
C3216X7S2A155M160AB
2.2 F
3216
1.60 ± 0.20
± 10%
C3216X7S2A225K160AB
± 20%
C3216X7S2A225M160AB
3.3 F
3216
1.60 ± 0.20
± 10%
C3216X7S2A335K160AB
± 20%
C3216X7S2A335M160AB
3225
2.00 ± 0.20
± 10%
C3225X7S2A335K200AB
± 20%
C3225X7S2A335M200AB
4532
2.00 ± 0.20
± 10%
C4532X7S2A335K200KB
± 20%
C4532X7S2A335M200KB
4.7 F
3225
2.00 ± 0.20
± 10%
C3225X7S2A475K200AB
± 20%
C3225X7S2A475M200AB
4532
2.30 ± 0.20
± 10%
C4532X7S2A475K230KB
± 20%
C4532X7S2A475M230KB
6.8 F
5750
2.00 ± 0.20
± 10%
C5750X7S2A685K200KB
± 20%
C5750X7S2A685M200KB
10 F
5750
2.30 ± 0.20
± 10%
C5750X7S2A106K230KB
± 20%
C5750X7S2A106M230KB
15 F
5750
2.50 ± 0.30
± 20%
C5750X7S2A156M250KB
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Page 29
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com