Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 25 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 25 Page - TDK Electronics

Back Button C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
4.7 nF
2012
0.85 ± 0.15
± 10%
C2012X5R2E472K085AA
± 20%
C2012X5R2E472M085AA
3216
1.15 ± 0.10
± 10%
C3216X5R2J472K115AA
± 20%
C3216X5R2J472M115AA
6.8 nF
1608
0.80 ± 0.10
± 10%
C1608X5R2A682K080AA
± 20%
C1608X5R2A682M080AA
2012
1.25 ± 0.20
± 10%
C2012X5R2E682K125AA
± 20%
C2012X5R2E682M125AA
3216
1.15 ± 0.10
± 10%
C3216X5R2J682K115AA
± 20%
C3216X5R2J682M115AA
10 nF
1608
0.80 ± 0.10
± 10%
C1608X5R2A103K080AA
± 20%
C1608X5R2A103M080AA
2012
1.25 ± 0.20
± 10%
C2012X5R2E103K125AA
± 20%
C2012X5R2E103M125AA
3216
1.15 ± 0.10
± 10%
C3216X5R2J103K115AA
± 20%
C3216X5R2J103M115AA
15 nF
1608
0.80 ± 0.10
± 10%
C1608X5R2A153K080AA
± 20%
C1608X5R2A153M080AA
2012
1.25 ± 0.20
± 10%
C2012X5R2E153K125AA
± 20%
C2012X5R2E153M125AA
3216
1.30 ± 0.10
± 10%
C3216X5R2J153K130AA
± 20%
C3216X5R2J153M130AA
22 nF
1608
0.80 ± 0.10
± 10%
C1608X5R2A223K080AA
± 20%
C1608X5R2A223M080AA
2012
1.25 ± 0.20
± 10%
C2012X5R2E223K125AA
± 20%
C2012X5R2E223M125AA
3216
1.30 ± 0.10
± 10%
C3216X5R2J223K130AA
± 20%
C3216X5R2J223M130AA
33 nF
2012
1.25 ± 0.20
± 10%
C2012X5R2A333K125AA
± 20%
C2012X5R2A333M125AA
3216
1.60 ± 0.20
± 10%
C3216X5R2J333K160AA
C3216X5R2E333K160AA
± 20%
C3216X5R2J333M160AA
C3216X5R2E333M160AA
47 nF
2012
1.25 ± 0.20
± 10%
C2012X5R2A473K125AA
± 20%
C2012X5R2A473M125AA
3216
1.60 ± 0.20
± 10%
C3216X5R2E473K160AA
± 20%
C3216X5R2E473M160AA
3225
2.00 ± 0.20
± 10%
C3225X5R2J473K200AA
± 20%
C3225X5R2J473M200AA
68 nF
2012
0.85 ± 0.15
± 10%
C2012X5R2A683K085AA
± 20%
C2012X5R2A683M085AA
3216
1.60 ± 0.20
± 10%
C3216X5R2E683K160AA
± 20%
C3216X5R2E683M160AA
3225
2.00 ± 0.20
± 10%
C3225X5R2J683K200AA
± 20%
C3225X5R2J683M200AA
100 nF
2012
1.25 ± 0.20
± 10%
C2012X5R2A104K125AA
± 20%
C2012X5R2A104M125AA
3216
1.60 ± 0.20
± 10%
C3216X5R2E104K160AA
± 20%
C3216X5R2E104M160AA
4532
2.30 ± 0.20
± 10%
C4532X5R2J104K230KA
± 20%
C4532X5R2J104M230KA
150 nF
3216
1.60 ± 0.20
± 10%
C3216X5R2A154K160AA
± 20%
C3216X5R2A154M160AA
3225
2.00 ± 0.20
± 10%
C3225X5R2E154K200AA
± 20%
C3225X5R2E154M200AA
5750
1.60 ± 0.20
± 10%
C5750X5R2J154K160KA
± 20%
C5750X5R2J154M160KA
220 nF
3216
1.15 ± 0.10
± 10%
C3216X5R2A224K115AA
± 20%
C3216X5R2A224M115AA
3225
2.00 ± 0.20
± 10%
C3225X5R2E224K200AA
± 20%
C3225X5R2E224M200AA
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Page 24
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com