Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 17 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 17 Page - TDK Electronics

Back Button C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A010C080AA
1.5 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A1R5C080AA
2 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A020C080AA
2.2 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A2R2C080AA
3 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A030C080AA
3.3 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A3R3C080AA
4 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A040C080AA
4.7 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A4R7C080AA
5 pF
1608
0.80 ± 0.10
± 0.25pF
C1608CH2A050C080AA
6 pF
1608
0.80 ± 0.10
± 0.50pF
C1608CH2A060D080AA
6.8 pF
1608
0.80 ± 0.10
± 0.50pF
C1608CH2A6R8D080AA
7 pF
1608
0.80 ± 0.10
± 0.50pF
C1608CH2A070D080AA
8 pF
1608
0.80 ± 0.10
± 0.50pF
C1608CH2A080D080AA
9 pF
1608
0.80 ± 0.10
± 0.50pF
C1608CH2A090D080AA
10 pF
1608
0.80 ± 0.10
± 0.50pF
C1608CH2A100D080AA
12 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A120J080AA
15 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A150J080AA
18 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A180J080AA
22 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A220J080AA
27 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A270J080AA
33 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A330J080AA
39 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A390J080AA
47 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A470J080AA
56 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A560J080AA
68 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A680J080AA
82 pF
1608
0.80 ± 0.10
± 5%
C1608CH2A820J080AA
100 pF
1005
0.50 ± 0.05
± 10%
C1005CH2A101K050BA
± 5%
C1005CH2A101J050BA
1608
0.80 ± 0.10
± 10%
C1608CH2E101K080AA
C1608CH2A101K080AA
± 5%
C1608CH2E101J080AA
C1608CH2A101J080AA
2012
0.60 ± 0.15
± 10%
C2012CH2W101K060AA
± 5%
C2012CH2W101J060AA
3216
0.60 ± 0.15
± 10%
C3216CH2J101K060AA
± 5%
C3216CH2J101J060AA
120 pF
1005
0.50 ± 0.05
± 10%
C1005CH2A121K050BA
± 5%
C1005CH2A121J050BA
1608
0.80 ± 0.10
± 10%
C1608CH2E121K080AA
C1608CH2A121K080AA
± 5%
C1608CH2E121J080AA
C1608CH2A121J080AA
2012
0.60 ± 0.15
± 10%
C2012CH2W121K060AA
± 5%
C2012CH2W121J060AA
120 pF
3216
0.60 ± 0.15
± 10%
C3216CH2J121K060AA
± 5%
C3216CH2J121J060AA
150 pF
1005
0.50 ± 0.05
± 10%
C1005CH2A151K050BA
± 5%
C1005CH2A151J050BA
1608
0.80 ± 0.10
± 10%
C1608CH2E151K080AA
C1608CH2A151K080AA
± 5%
C1608CH2E151J080AA
C1608CH2A151J080AA
2012
0.60 ± 0.15
± 10%
C2012CH2W151K060AA
± 5%
C2012CH2W151J060AA
3216
0.60 ± 0.15
± 10%
C3216CH2J151K060AA
± 5%
C3216CH2J151J060AA
180 pF
1005
0.50 ± 0.05
± 10%
C1005CH2A181K050BA
± 5%
C1005CH2A181J050BA
1608
0.80 ± 0.10
± 10%
C1608CH2E181K080AA
C1608CH2A181K080AA
± 5%
C1608CH2E181J080AA
C1608CH2A181J080AA
2012
0.60 ± 0.15
± 10%
C2012CH2W181K060AA
± 5%
C2012CH2W181J060AA
3216
0.60 ± 0.15
± 10%
C3216CH2J181K060AA
± 5%
C3216CH2J181J060AA
220 pF
1005
0.50 ± 0.05
± 10%
C1005CH2A221K050BA
± 5%
C1005CH2A221J050BA
1608
0.80 ± 0.10
± 10%
C1608CH2E221K080AA
C1608CH2A221K080AA
± 5%
C1608CH2E221J080AA
C1608CH2A221J080AA
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0±60 ppm/ºC)
Page 16
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com