Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 22 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 22 Page - TDK Electronics

Back Button C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
1.5 nF
3216
1.15 ± 0.10
± 10%
C3216JB2J152K115AA
± 20%
C3216JB2J152M115AA
2.2 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A222K080AA
± 20%
C1608JB2A222M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2E222K085AA
C2012JB2A222K085AA
± 20%
C2012JB2E222M085AA
C2012JB2A222M085AA
3216
1.15 ± 0.10
± 10%
C3216JB2J222K115AA
± 20%
C3216JB2J222M115AA
3.3 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A332K080AA
± 20%
C1608JB2A332M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2E332K085AA
C2012JB2A332K085AA
± 20%
C2012JB2E332M085AA
C2012JB2A332M085AA
3216
1.15 ± 0.10
± 10%
C3216JB2J332K115AA
± 20%
C3216JB2J332M115AA
4.7 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A472K080AA
± 20%
C1608JB2A472M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2E472K085AA
C2012JB2A472K085AA
± 20%
C2012JB2E472M085AA
C2012JB2A472M085AA
3216
1.15 ± 0.10
± 10%
C3216JB2J472K115AA
± 20%
C3216JB2J472M115AA
6.8 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A682K080AA
± 20%
C1608JB2A682M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2A682K085AA
± 20%
C2012JB2A682M085AA
1.25 ± 0.20
± 10%
C2012JB2E682K125AA
± 20%
C2012JB2E682M125AA
3216
1.15 ± 0.10
± 10%
C3216JB2J682K115AA
± 20%
C3216JB2J682M115AA
10 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A103K080AA
± 20%
C1608JB2A103M080AA
2012
0.85 ± 0.15
± 10%
C2012JB2A103K085AA
± 20%
C2012JB2A103M085AA
1.25 ± 0.20
± 10%
C2012JB2E103K125AA
± 20%
C2012JB2E103M125AA
3216
1.15 ± 0.10
± 10%
C3216JB2J103K115AA
± 20%
C3216JB2J103M115AA
15 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A153K080AA
± 20%
C1608JB2A153M080AA
2012
1.25 ± 0.20
± 10%
C2012JB2E153K125AA
C2012JB2A153K125AA
± 20%
C2012JB2E153M125AA
C2012JB2A153M125AA
3216
1.15 ± 0.10
± 10%
C3216JB2E153K115AA
± 20%
C3216JB2E153M115AA
1.30 ± 0.10
± 10%
C3216JB2J153K130AA
± 20%
C3216JB2J153M130AA
22 nF
1608
0.80 ± 0.10
± 10%
C1608JB2A223K080AA
± 20%
C1608JB2A223M080AA
2012
1.25 ± 0.20
± 10%
C2012JB2E223K125AA
C2012JB2A223K125AA
± 20%
C2012JB2E223M125AA
C2012JB2A223M125AA
3216
1.15 ± 0.10
± 10%
C3216JB2E223K115AA
± 20%
C3216JB2E223M115AA
1.30 ± 0.10
± 10%
C3216JB2J223K130AA
± 20%
C3216JB2J223M130AA
33 nF
2012
1.25 ± 0.20
± 10%
C2012JB2A333K125AA
± 20%
C2012JB2A333M125AA
3216
1.15 ± 0.10
± 10%
C3216JB2A333K115AA
± 20%
C3216JB2A333M115AA
1.60 ± 0.20
± 10%
C3216JB2J333K160AA
C3216JB2E333K160AA
± 20%
C3216JB2J333M160AA
C3216JB2E333M160AA
47 nF
2012
1.25 ± 0.20
± 10%
C2012JB2A473K125AA
± 20%
C2012JB2A473M125AA
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Page 21
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com