Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 16 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 16 Page - TDK Electronics

Back Button C2012 Datasheet HTML 12Page - TDK Electronics C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0±30 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
15 nF
3225
1.25 ± 0.20
± 10%
C3225C0G2A153K125AA
± 5%
C3225C0G2A153J125AA
1.60 ± 0.20
± 10%
C3225C0G2J153K160AA
± 5%
C3225C0G2J153J160AA
2.00 ± 0.20
± 10%
C3225C0G2E153K200AA
± 5%
C3225C0G2E153J200AA
4532
2.50 ± 0.30
± 10%
C4532C0G2J153K250KA
± 5%
C4532C0G2J153J250KA
22 nF
3216
1.60 ± 0.20
± 10%
C3216C0G2A223K160AA
± 5%
C3216C0G2A223J160AA
1.60 +0.3/-0.1
± 10%
C3216C0G2E223K160AA
± 5%
C3216C0G2E223J160AA
3225
1.60 ± 0.20
± 10%
C3225C0G2E223K160AA
C3225C0G2A223K160AA
± 5%
C3225C0G2E223J160AA
C3225C0G2A223J160AA
2.30 ± 0.20
± 10%
C3225C0G2J223K230AA
C3225C0G2W223K230AA
± 5%
C3225C0G2J223J230AA
C3225C0G2W223J230AA
4532
1.60 ± 0.20
± 10%
C4532C0G2E223K160KA
± 5%
C4532C0G2E223J160KA
3.20 ± 0.30
± 10%
C4532C0G2J223K320KA
± 5%
C4532C0G2J223J320KA
33 nF
3216
1.60 +0.3/-0.1
± 10%
C3216C0G2A333K160AA
± 5%
C3216C0G2A333J160AA
3225
2.00 ± 0.20
± 10%
C3225C0G2A333K200AA
± 5%
C3225C0G2A333J200AA
2.30 ± 0.20
± 10%
C3225C0G2E333K230AA
± 5%
C3225C0G2E333J230AA
2.50 ± 0.30
± 10%
C3225C0G2J333K250AA
C3225C0G2W333K250AA
± 5%
C3225C0G2J333J250AA
C3225C0G2W333J250AA
4532
2.00 ± 0.20
± 10%
C4532C0G2E333K200KA
± 5%
C4532C0G2E333J200KA
47 nF
3225
2.30 ± 0.20
± 10%
C3225C0G2A473K230AA
± 5%
C3225C0G2A473J230AA
2.50 ± 0.30
± 10%
C3225C0G2E473K250AA
± 5%
C3225C0G2E473J250AA
4532
2.00 ± 0.20
± 10%
C4532C0G2A473K200KA
± 5%
C4532C0G2A473J200KA
2.30 ± 0.20
± 10%
C4532C0G2W473K230KA
± 5%
C4532C0G2W473J230KA
3.20 ± 0.30
± 10%
C4532C0G2J473K320KA
C4532C0G2E473K320KA
± 5%
C4532C0G2J473J320KA
C4532C0G2E473J320KA
68 nF
3225
2.50 ± 0.30
± 10%
C3225C0G2A683K250AA
± 5%
C3225C0G2A683J250AA
4532
2.30 ± 0.20
± 10%
C4532C0G2E683K230KN
± 5%
C4532C0G2E683J230KN
2.50 ± 0.30
± 10%
C4532C0G2A683K250KA
± 5%
C4532C0G2A683J250KA
3.20 ± 0.30
± 10%
C4532C0G2W683K320KA
± 5%
C4532C0G2W683J320KA
5750
2.30 ± 0.20
± 10%
C5750C0G2J683K230KC
± 5%
C5750C0G2J683J230KC
100 nF
4532
3.20 ± 0.30
± 10%
C4532C0G2E104K320KN
C4532C0G2A104K320KA
± 5%
C4532C0G2E104J320KN
C4532C0G2A104J320KA
5750
2.80 ± 0.30
± 10%
C5750C0G2J104K280KC
C5750C0G2W104J280KA
± 5%
C5750C0G2J104J280KC
C5750C0G2W104K280KA
150 nF
5750
2.30 ± 0.20
± 10%
C5750C0G2E154K230KN
C5750C0G2A154K230KA
± 5%
C5750C0G2E154J230KN
C5750C0G2A154J230KA
Page 15
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com