Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 20 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 20 Page - TDK Electronics

Back Button C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0±60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
Rated Voltage Edc: 100V
4.7 nF
3216
0.85 ± 0.15
± 10%
C3216CH2J472K085AA
C3216CH2A472K085AA
± 5%
C3216CH2J472J085AA
C3216CH2A472J085AA
1.15 ± 0.15
± 10%
C3216CH2E472K115AA
± 5%
C3216CH2E472J115AA
3225
1.60 ± 0.20
± 10%
C3225CH2J472K160AA
± 5%
C3225CH2J472J160AA
5.6 nF
2012
1.25 ± 0.20
± 10%
C2012CH2W562K125AA
C2012CH2E562K125AA
C2012CH2A562K125AA
± 5%
C2012CH2W562J125AA
C2012CH2E562J125AA
C2012CH2A562J125AA
3216
0.85 ± 0.15
± 10%
C3216CH2A562K085AA
± 5%
C3216CH2A562J085AA
1.15 ± 0.15
± 10%
C3216CH2J562K115AA
C3216CH2E562K115AA
± 5%
C3216CH2J562J115AA
C3216CH2E562J115AA
3225
1.60 ± 0.20
± 10%
C3225CH2J562K160AA
± 5%
C3225CH2J562J160AA
6.8 nF
2012
1.25 ± 0.20
± 10%
C2012CH2E682K125AA
C2012CH2A682K125AA
± 5%
C2012CH2E682J125AA
C2012CH2A682J125AA
3216
1.15 ± 0.15
± 10%
C3216CH2J682K115AA
C3216CH2W682K115AA
C3216CH2A682K115AA
± 5%
C3216CH2J682J115AA
C3216CH2W682J115AA
C3216CH2A682J115AA
1.60 ± 0.20
± 10%
C3216CH2E682K160AA
± 5%
C3216CH2E682J160AA
3225
2.00 ± 0.20
± 10%
C3225CH2J682K200AA
± 5%
C3225CH2J682J200AA
8.2 nF
2012
1.25 ± 0.20
± 10%
C2012CH2E822K125AA
C2012CH2A822K125AA
± 5%
C2012CH2E822J125AA
C2012CH2A822J125AA
3216
1.15 ± 0.15
± 10%
C3216CH2W822K115AA
C3216CH2A822K115AA
± 5%
C3216CH2W822J115AA
C3216CH2A822J115AA
1.60 ± 0.20
± 10%
C3216CH2J822K160AA
C3216CH2E822K160AA
± 5%
C3216CH2J822J160AA
C3216CH2E822J160AA
3225
1.25 ± 0.20
± 10%
C3225CH2J822K125AA
± 5%
C3225CH2J822J125AA
4532
1.60 ± 0.20
± 10%
C4532CH2J822K160KA
± 5%
C4532CH2J822J160KA
10 nF
2012
1.25 ± 0.20
± 10%
C2012CH2E103K125AA
C2012CH2A103K125AA
± 5%
C2012CH2E103J125AA
C2012CH2A103J125AA
3216
1.15 ± 0.15
± 10%
C3216CH2E103K115AA
C3216CH2A103K115AA
± 5%
C3216CH2E103J115AA
C3216CH2A103J115AA
1.60 ± 0.20
± 10%
C3216CH2J103K160AA
C3216CH2W103K160AA
± 5%
C3216CH2J103J160AA
C3216CH2W103J160AA
3225
1.25 ± 0.20
± 10%
C3225CH2J103K125AA
± 5%
C3225CH2J103J125AA
1.60 ± 0.20
± 10%
C3225CH2E103K160AA
± 5%
C3225CH2E103J160AA
4532
1.60 ± 0.20
± 10%
C4532CH2J103K160KA
± 5%
C4532CH2J103J160KA
15 nF
3216
1.15 ± 0.15
± 10%
C3216CH2A153K115AA
± 5%
C3216CH2A153J115AA
1.60 ± 0.20
± 10%
C3216CH2E153K160AA
± 5%
C3216CH2E153J160AA
1.60 +0.3/-0.1
± 10%
C3216CH2W153K160AA
± 5%
C3216CH2W153J160AA
3225
1.25 ± 0.20
± 10%
C3225CH2A153K125AA
± 5%
C3225CH2A153J125AA
1.60 ± 0.20
± 10%
C3225CH2J153K160AA
± 5%
C3225CH2J153J160AA
2.00 ± 0.20
± 10%
C3225CH2E153K200AA
± 5%
C3225CH2E153J200AA
4532
2.50 ± 0.30
± 10%
C4532CH2J153K250KA
± 5%
C4532CH2J153J250KA
22 nF
3216
1.60 ± 0.20
± 10%
C3216CH2A223K160AA
± 5%
C3216CH2A223J160AA
1.60 +0.3/-0.1
± 10%
C3216CH2E223K160AA
± 5%
C3216CH2E223J160AA
Page 19
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com