Electronic Components Datasheet Search
  English  ▼

X  

ATA5783 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA5783
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5783 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA5783 Datasheet HTML 12Page - ATMEL Corporation ATA5783 Datasheet HTML 13Page - ATMEL Corporation ATA5783 Datasheet HTML 14Page - ATMEL Corporation ATA5783 Datasheet HTML 15Page - ATMEL Corporation ATA5783 Datasheet HTML 16Page - ATMEL Corporation ATA5783 Datasheet HTML 17Page - ATMEL Corporation ATA5783 Datasheet HTML 18Page - ATMEL Corporation ATA5783 Datasheet HTML 19Page - ATMEL Corporation ATA5783 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
5.
Package Information
4.
Ordering Information
Extended Type Number
Package
Remarks
ATA5781-PNQW
QFN32
5mm x 5mm, 6k tape and reel, PB-free
ATA5782-nnn-PNQW
QFN32
5mm x 5mm, 6k tape and reel, PB-free, nnn = Customer ROM identifier
ATA5783-PNQW
QFN32
5mm x 5mm, 6k tape and reel, PB-free
Package Drawing Contact:
packagedrawings@atmel.com
GPC
DRAWING NO.
REV.
TITLE
6.543-5124.01-4
3
09/07/11
Package: VQFN_5x5_32L
Exposed pad 3.6x3.6
COMMON DIMENSIONS
(Unit of Measure = mm)
MIN
NOM
NOTE
MAX
Symbol
Standard Singulation process
Dimensions in mm
specifications
according to DIN
technical drawings
0.02
0.05
0.0
A1
55.1
4.9
E
0.23
0.3
0.16
b
0.5 BSC
e
0.4
0.5
0.3
L
3.6
3.75
3.45
E2
3.6
3.75
3.45
D2
55.1
4.9
D
0.2
0.25
0.15
A3
0.9
1
0.8
A
Top View
D
32
1
8
PIN 1 ID
b
Z 10:1
Side View
Bottom View
D2
e
32
25
9
17
24
16
8
1
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com