Electronic Components Datasheet Search
  English  ▼

X  

ATA5783 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA5783
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5783 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA5783 Datasheet HTML 1Page - ATMEL Corporation ATA5783 Datasheet HTML 2Page - ATMEL Corporation ATA5783 Datasheet HTML 3Page - ATMEL Corporation ATA5783 Datasheet HTML 4Page - ATMEL Corporation ATA5783 Datasheet HTML 5Page - ATMEL Corporation ATA5783 Datasheet HTML 6Page - ATMEL Corporation ATA5783 Datasheet HTML 7Page - ATMEL Corporation ATA5783 Datasheet HTML 8Page - ATMEL Corporation ATA5783 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
1.
General Product Description
1.1
Introduction
The Atmel® ATA5781/2/3 is a highly integrated, low-power UHF ASK/FSK RF receiver with an integrated AVR microcontroller. It
is package and pin-to-pin compatible with the previous generation of RF devices (Atmel ATA5830N, ATA5831/2/3 and Atmel
ATA5780N).
The Atmel ATA5781/2/3 is partitioned into three sections; an RF front end, a digital baseband and the low-power 8-bit AVR
microcontroller. The product is designed for the ISM frequency bands in the ranges of 310MHz to 318MHz, 418MHz to 477MHz
and 836MHz to 956MHz. The external part count is kept to a minimum due to the very high level of integration in this device. By
combining outstanding RF performance with highly sophisticated baseband signal processing, robust wireless communication
can be easily achieved. The receive path uses a low-IF architecture with an integrated double quadrature receiver and digitized
IF processing. This results in high image rejection and excellent blocking performance. In addition, highly flexible and
configurable baseband signal processing allows the receiver to operate in several scanning, wake-up and automatic self-polling
scenarios. For example, during polling the IC can scan for specific message content (IDs) and save valid telegram data in the
FIFO buffer for later retrieval. The device integrates two receive paths that enable a parallel search for two telegrams with
different modulations, data rates, wake-up conditions, etc.
The Atmel ATA5781/2/3 implements a flexible service configuration concept and supports up to 15 channels. The channels are
grouped into five service configurations with three channels each. Three service configurations are located in the EEPROM.
Two service configurations are located in the SRAM to allow on-the-fly modifications during IDLEMode via SPI commands or
application software. The application software is located in the Flash for Atmel ATA5781 or in the ROM for Atmel ATA5782.
Highly configurable and autonomous scanning capability enables flexible polling scenarios with up to 15 channels. The
configuration of the receiver is stored in a 1024byte EEPROM. The SPI interface enables external control and device
reconfiguration.
In the Atmel ATA5781 the internal microcontroller with 20Kbyte user Flash can be used to add custom extensions to the Atmel
firmware. The Atmel ATA5782 provides 20Kbyte user ROM as a replacement for the 20Kbyte Flash for high-volume
applications. The Atmel ATA5783 embeds only the firmware ROM without user memory.
The debugWIRE and ISP interface are available for programming purposes.
Compatibility to the Atmel ATA5780N, Atmel ATA5830N and Atmel ATA5831/2/3
The Atmel ATA5781/2/3 is pin-to-pin compatible with the Atmel ATA5830N transceiver, the Atmel ATA5780N receiver and the
Atmel ATA5831/2/3 transceivers. The Rx performance of the receivers matches that of the transceivers.
Table 1-1.
Program Memory Comparison of Atmel ATA5781/2/3 Devices
Device
Atmel Firmware ROM
User Flash
User ROM
Atmel ATA5781
24Kbyte
20Kbyte
-
Atmel ATA5782
24Kbyte
-
20Kbyte
Atmel ATA5783
24Kbyte
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com