Electronic Components Datasheet Search
  English  ▼

X  

ATA5783 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5783
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5783 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5783 Datasheet HTML 1Page - ATMEL Corporation ATA5783 Datasheet HTML 2Page - ATMEL Corporation ATA5783 Datasheet HTML 3Page - ATMEL Corporation ATA5783 Datasheet HTML 4Page - ATMEL Corporation ATA5783 Datasheet HTML 5Page - ATMEL Corporation ATA5783 Datasheet HTML 6Page - ATMEL Corporation ATA5783 Datasheet HTML 7Page - ATMEL Corporation ATA5783 Datasheet HTML 8Page - ATMEL Corporation ATA5783 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
1.2
System Overview
Figure 1-1.
Circuit Overview
Figure 1-1 shows an overview of the main functional blocks of the Atmel® ATA5781/2/3. External control of the
Atmel ATA5781/2/3 is performed through the SPI pins SCK, MOSI, MISO, and NSS on port B. The configuration of the
Atmel ATA5781/2/3 is stored in the EEPROM and a large portion of the functionality is defined by the firmware located in the
ROM and processed by the AVR. An SPI command can trigger the AVR to configure the hardware according to settings that are
stored in the EEPROM and start up a given system mode (e.g., RXMode, or PollingMode). Internal events such as “Start of
Telegram” or “FIFO empty” are signaled to an external microcontroller on pin 28 (PB6/EVENT).
During the start-up of a service, the relevant part of the EEPROM content is copied to the SRAM. This allows faster access by
the AVR during the subsequent processing steps and eliminates the need to write to the EEPROM during runtime because
parameters can be modified directly in the SRAM. As a consequence the user does not need to observe the EEPROM
read/write cycle limitations.
It is important to note that all PWRON and NPWRON pins (PC1..5, PB4, PB7) are active in OFFMode. This means that even if
the Atmel ATA5781/2/3 is in OFFMode and the DVCC voltage is switched off, the power management circuitry within the
Atmel ATA5781/2/3 biases these pins with VS.
AVR ports can be used as button inputs, external LNA supply voltage (RX_ACTIVE), LED drivers, EVENT pin, switching control
for additional SPDT switches, general purpose digital inputs, or wake-up inputs, etc. Some functionality of these ports is already
implemented in the firmware and can be activated by adequate EEPROM configurations. Other functionality is available only
through custom software residing in the 20Kbyte Flash program memory (Atmel ATA5781) or in the 20Kbyte user ROM
program memory (Atmel ATA5782).
Rx DSP
RF
Front End
RFIN
DATA BUS
SRC, FRC
Oscillators
Port B (8)
XTO
XTAL
PB[7..0]
(SPI)
PC[5..0]
Port C (6)
AVR CPU
Supply
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com