Electronic Components Datasheet Search
  English  ▼

X  

ATA5783 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA5783
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5783 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA5783 Datasheet HTML 1Page - ATMEL Corporation ATA5783 Datasheet HTML 2Page - ATMEL Corporation ATA5783 Datasheet HTML 3Page - ATMEL Corporation ATA5783 Datasheet HTML 4Page - ATMEL Corporation ATA5783 Datasheet HTML 5Page - ATMEL Corporation ATA5783 Datasheet HTML 6Page - ATMEL Corporation ATA5783 Datasheet HTML 7Page - ATMEL Corporation ATA5783 Datasheet HTML 8Page - ATMEL Corporation ATA5783 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
1.3
Pinning
Figure 1-2.
Pin Diagram
Note:
The exposed die pad is connected to the internal die.
Table 1-2.
Pin Description
Pin No.
Pin Name
Type
Description
1
RFIN_LB
Analog
LNA input for Low-Band frequency range (< 500MHz)
2
RFIN_HB
Analog
LNA input for High-Band frequency range (> 500MHz)
3
SPDT_RX
Analog
Rx switch output (damped signal output)
4
SPDT_ANT
Analog
Antenna input (RXMode) of the SPDT switch
5, 7
NC
-
Open in application
6
SPDT_RX2
Analog
RX switch output 2 (damped signal output)
8
VS_SPDT
Analog
SPDT supply
3V application supply voltage input
9
TEST_EN
–
Test enable, connected to GND in application
10
XTAL1
Analog
Crystal oscillator pin 1 (input)
11
XTAL2
Analog
Crystal oscillator pin 2 (output)
12
AVCC
Analog
RF front end supply regulator output
13
VS
Analog
Main supply voltage input
14
PC0
Digital
Main
Alternate
: AVR Port C0
: PCINT8 / NRESET / DebugWIRE
RFIN_LB
RFIN_HB
SPDT_RX
SPDT_ANT
NC
SPDT_RX2
NC
VS_SPDT
PB2
32
1
2
exposed die pad
3
4
5
6
7
8
24
23
22
21
20
19
18
17
31
30
29
28
27
26
25
9
10
11
1213141516
PB1
PB0
DGND
DVCC
PC5
PC4
PC3
Atmel
ATA5781
ATA5782
ATA5783



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com