Electronic Components Datasheet Search
  English  ▼

X  

ATA5783 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA5783
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5783 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA5783 Datasheet HTML 2Page - ATMEL Corporation ATA5783 Datasheet HTML 3Page - ATMEL Corporation ATA5783 Datasheet HTML 4Page - ATMEL Corporation ATA5783 Datasheet HTML 5Page - ATMEL Corporation ATA5783 Datasheet HTML 6Page - ATMEL Corporation ATA5783 Datasheet HTML 7Page - ATMEL Corporation ATA5783 Datasheet HTML 8Page - ATMEL Corporation ATA5783 Datasheet HTML 9Page - ATMEL Corporation ATA5783 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
15
PC1
Digital
Main
Alternate
: AVR Port C1
: NPWRON1 / PCINT9 / EXT_CLK
16
PC2
Digital
Main
Alternate
: AVR Port C2
: NPWRON2 / PCINT10 / TRPA
17
PC3
Digital
Main
Alternate
: AVR Port C3
: NPWRON3 / PCINT11 / TMDO / TxD
18
PC4
Digital
Main
Alternate
: AVR Port C4
: NPWRON4 / PCINT12 / INT0 / RxD
19
PC5
Digital
Main
Alternate
: AVR Port C5
: NPWRON5 / PCINT13 / TRPB / TMDO_CLK
20
DVCC
–
Digital supply voltage regulator output
21
DGND
–
Digital ground
22
PB0
Digital
Main
Alternate
: AVR Port B0
: PCINT0 / CLK_OUT
23
PB1
Digital
Main
Alternate
: AVR Port B1
: PCINT1 / SCK
24
PB2
Digital
Main
Alternate
: AVR Port B2
: PCINT2 / MOSI (SPI Master Out Slave In)
25
PB3
Digital
Main
Alternate
: AVR Port B3
: PCINT3 / MISO (SPI Master In Slave Out)
26
PB4
Digital
Main
Alternate
: AVR Port B4
: PWRON / PCINT4 / LED1
(strong high side driver)
27
PB5
Digital
Main
Alternate
: AVR Port B5
: PCINT5 / INT1 / NSS
28
PB6
Digital
Main
Alternate
: AVR Port B6
: PCINT6 / EVENT (firmware controlled
external microcontroller event flag)
29
PB7
Digital
Main
Alternate
: AVR Port B7
: NPWRON6/ PCINT7/ RX_ACTIVE (strong
high side driver) / LED0 (strong low side driver)
30
AGND
–
Analog ground
31
ATEST_IO2
–
RF front end test I/O 2 connected to GND in application
32
ATEST_IO1
–
RF front end test I/O 1 connected to GND in application
GND
–
Ground/backplane on exposed die pad
Table 1-2.
Pin Description (Continued)
Pin No.
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com