Electronic Components Datasheet Search
  English  ▼

X  

ATA5783 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA5783
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5783 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA5783 Datasheet HTML 1Page - ATMEL Corporation ATA5783 Datasheet HTML 2Page - ATMEL Corporation ATA5783 Datasheet HTML 3Page - ATMEL Corporation ATA5783 Datasheet HTML 4Page - ATMEL Corporation ATA5783 Datasheet HTML 5Page - ATMEL Corporation ATA5783 Datasheet HTML 6Page - ATMEL Corporation ATA5783 Datasheet HTML 7Page - ATMEL Corporation ATA5783 Datasheet HTML 8Page - ATMEL Corporation ATA5783 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
●
Supported data rate in buffered mode 0.5Kbit/s to 80Kbit/s (120Kbit/s NRZ)
●
Supports pattern-based wake-up and start of frame identification
●
Flexible service configuration concept with on-the-fly (OTF) modification (in IDLEMode) of SRAM service parameters
(data rate, …)
●
Each service consists of
●
One service-specific configuration part
●
Three channel-specific configuration parts
●
Three service configurations are located in EEPROM
●
Two service configurations are located in SRAM and can be modified via SPI or embedded application software
●
Digital RSSI with very high relative accuracy of ±1dB thanks to digitized IF processing
●
Programmable clock output derived from crystal frequency
●
1024byte EEPROM data memory for receiver configuration
●
SPI interface for Rx data access and receiver configuration
●
500Kbit SPI data rate for short periods on SPI bus and host controller
●
On demand services (SPI or API) without polling or telegram reception
●
Integrated temperature sensor
●
Self check and calibration with temperature measurement
●
Configurable EVENT signal indicates the status of the IC to an external microcontroller
●
Automatic low-power channel polling
●
Flexible polling configuration concerning timing, order and participating channels
●
Fast reaction time
●
Power-up (typical 1.5ms, OFFMode -> RXMode)
●
Supports mixed ASK/FSK telegrams
●
Non-byte aligned data reception
●
Software customization
●
Antenna diversity with external switch via GPIO control
●
Antenna diversity with internal SPDT switch
●
Supply voltage ranges 1.9V to 3.6V and 2.4V to 5.5V
●
Temperature range –40°C to +105°C
●
ESD protection at all pins (±4kV HBM, ±200V MM, ±750V FCDM)
●
Small 5
5mm QFN32 package/pitch 0.5mm
●
Backward package and pin-to-pin compatibility with Atmel® ATA5780N
●
Backward RF matching compatibility with Atmel ATA5780N (RF redesign not needed)
●
Suitable for applications governed by EN 300 220 and FCC part 15, title 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com