Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 350 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 350 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 346Page - Microchip Technology PIC16LF1824 Datasheet HTML 347Page - Microchip Technology PIC16LF1824 Datasheet HTML 348Page - Microchip Technology PIC16LF1824 Datasheet HTML 349Page - Microchip Technology PIC16LF1824 Datasheet HTML 350Page - Microchip Technology PIC16LF1824 Datasheet HTML 351Page - Microchip Technology PIC16LF1824 Datasheet HTML 352Page - Microchip Technology PIC16LF1824 Datasheet HTML 353Page - Microchip Technology PIC16LF1824 Datasheet HTML 354Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 350
Preliminary
 2011-2013 Microchip Technology Inc.
30.2
DC Characteristics: Supply Current (IDD)
PIC16LF1847
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1847
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Supply Current (IDD) (Note 1, 2)
D010
—
9.5
14
A1.8
FOSC = 32 kHz
LP Oscillator
-40°C
 TA +85°C
—
12.5
17
A3.0
D010
—
22
29
A
1.8
FOSC = 32 kHz
LP Oscillator
-40°C
 TA +85°C
—
27
35
A
3.0
—
30
38
A
5.0
D010A
—
9.5
14
A1.8
FOSC = 32 kHz
LP Oscillator
-40°C
 TA +125°C
—
12.5
17
A3.0
D010A
—
22
29
A
1.8
FOSC = 32 kHz
LP Oscillator
-40°C
 TA +125°C
—
27
35
A
3.0
—
30
38
A
5.0
D011
—
105
110
A1.8
FOSC = 1 MHz
XT Oscillator
—
160
190
A3.0
D011
—
132
154
A
1.8
FOSC = 1 MHz
XT Oscillator
—
186
220
A
3.0
—
216
290
A
5.0
D012
—
264
370
A1.8
FOSC = 4 MHz
XT Oscillator
—
491
620
A3.0
D012
—
285
300
A
1.8
FOSC = 4 MHz
XT Oscillator
—
408
600
A
3.0
—
490
700
A
5.0
D013
—
55
160
A1.8
FOSC = 1 MHz
EC Oscillator
Medium-power mode
—90
230
A3.0
D013
—
75
95
A
1.8
FOSC = 1 MHz
EC Oscillator
Medium-power mode
—
116
130
A
3.0
—
145
185
A
5.0
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
8 MHz internal oscillator with 4x PLL enabled.
4:
8 MHz crystal oscillator with 4x PLL enabled.
5:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com