Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 354 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 354 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 350Page - Microchip Technology PIC16LF1824 Datasheet HTML 351Page - Microchip Technology PIC16LF1824 Datasheet HTML 352Page - Microchip Technology PIC16LF1824 Datasheet HTML 353Page - Microchip Technology PIC16LF1824 Datasheet HTML 354Page - Microchip Technology PIC16LF1824 Datasheet HTML 355Page - Microchip Technology PIC16LF1824 Datasheet HTML 356Page - Microchip Technology PIC16LF1824 Datasheet HTML 357Page - Microchip Technology PIC16LF1824 Datasheet HTML 358Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 354
Preliminary
 2011-2013 Microchip Technology Inc.
D026A*
—
250
—
—
A
1.8
ADC Current (Note 1, 3),
conversion in progress
—250
—
—
A3.0
D026A*
—
280
—
—
A
1.8
ADC Current (Note 1, 3),
conversion in progress
—
280
—
—
A
3.0
—
280
—
—
A
5.0
D027
—
2.0
6.0
8.0
A
1.8
Cap Sense, Low Power,
CPSRM = 0, CPSRNG = 01
(Note 1)
—
5.0
9.0
12.0
A3.0
D027
—
21
41
45
A
1.8
Cap Sense, Low Power,
CPSRM = 0, CPSRNG = 01
(Note 1)
—
23
47
55
A
3.0
—
29
55
68
A
5.0
D027A
—
6.0
9.0
10
A
1.8
Cap Sense, Medium Power,
CPSRM = 0, CPSRNG = 10
(Note 1)
—
8.0
13
14
A3.0
D027A
—
21
44
47
A
1.8
Cap Sense, Medium Power
CPSRM = 0, CPSRNG = 10
(Note 1)
—
24
53
60
A
3.0
—
27
57
71
A
5.0
D027B
—
13
22
24
A
1.8
Cap Sense, High Power,
CPSRM = 0, CPSRNG = 11
(Note 1)
—35
65
70
A3.0
D027B
—
21
44
50
A
1.8
Cap Sense, High Power,
CPSRM = 0, CPSRNG = 11
(Note 1)
—
40
68
80
A
3.0
—
50
78
90
A
5.0
D028
—
8.0
16
17
A
1.8
Comparator,
Low Power, CxSP = 0
(Note 1)
—
9.0
18
19
A3.0
D028
—
28
45
50
A
1.8
Comparator,
Low Power, CxSP = 0
(Note 1)
—
30
56
61
A
3.0
—
32
60
80
A
5.0
D028B
—
28
46
48
A
1.8
Comparator,
Normal Power, CxSP = 1
(Note 1)
—29
48
50
A3.0
D028B
—
60
80
85
A
1.8
Comparator,
Low Power, CxSP = 1
(Note 1)
—
62
85
90
A
3.0
—
64
90
105
A
5.0
30.3
DC Characteristics: Power-Down Currents (IPD) (Continued)
PIC16LF1847
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1847
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
ADC oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com