Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 353 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 353 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 349Page - Microchip Technology PIC16LF1824 Datasheet HTML 350Page - Microchip Technology PIC16LF1824 Datasheet HTML 351Page - Microchip Technology PIC16LF1824 Datasheet HTML 352Page - Microchip Technology PIC16LF1824 Datasheet HTML 353Page - Microchip Technology PIC16LF1824 Datasheet HTML 354Page - Microchip Technology PIC16LF1824 Datasheet HTML 355Page - Microchip Technology PIC16LF1824 Datasheet HTML 356Page - Microchip Technology PIC16LF1824 Datasheet HTML 357Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 440 page
background image
 2011-2013 Microchip Technology Inc.
Preliminary
DS40001453D-page 353
PIC16(L)F1847
30.3
DC Characteristics: Power-Down Currents (IPD)
PIC16LF1847
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1847
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD) (Note 2)
D022
—
0.02
1.0
2.4
A
1.8
WDT, BOR and T1OSC disabled,
all Peripherals Inactive
—
0.03
1.5
3.0
A3.0
D022
—
15
35
44
A
1.8
WDT, BOR and T1OSC disabled,
all Peripherals Inactive
—
18
40
48
A
3.0
—
19
45
65
A
5.0
D023
—
0.3
1
3
A
1.8
LPWDT Current (Note 1)
—0.8
2
4
A3.0
D023
—
16
35
44
A
1.8
LPWDT Current (Note 1)
—
19
40
48
A
3.0
—
20
45
65
A
5.0
D023A
—
20
25
35
A
1.8
FVR current
—21
27
37
A3.0
D023A
—
40
62
65
A
1.8
FVR current
—
50
72
75
A
3.0
—
80
115
120
A
5.0
D024
—
8.0
14
16
A
3.0
BOR Current (Note 1)
D024
—
24
47
50
A
3.0
BOR Current (Note 1)
—
29
55
70
A
5.0
D025
—
0.65
3.5
4.0
A
1.8
T1OSC Current (Note 1)
—
2.3
5.0
6.0
A3.0
D025
—
19
39
45
A
1.8
T1OSC Current (Note 1)
—
21
43
59
A
3.0
—
28
55
75
A
5.0
D026
—
0.03
1.5
3.0
A
1.8
ADC Current (Note 1, 3),
no conversion in progress
—
0.07
2.0
3.5
A3.0
D026
—
18
38
45
A
1.8
ADC Current (Note 1, 3),
no conversion in progress
—
20
43
49
A
3.0
—
22
46
65
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
ADC oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com