Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 6 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 6 Page - General Semiconductor

Back Button B-M Datasheet HTML 2Page - General Semiconductor B-M Datasheet HTML 3Page - General Semiconductor B-M Datasheet HTML 4Page - General Semiconductor B-M Datasheet HTML 5Page - General Semiconductor B-M Datasheet HTML 6Page - General Semiconductor B-M Datasheet HTML 7Page - General Semiconductor B-M Datasheet HTML 8Page - General Semiconductor B-M Datasheet HTML 9Page - General Semiconductor B-M Datasheet HTML 10Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
JC030-Series Power Modules
Data Sheet
18 Vdc to 36 Vdc Inputs; 30 W
March 26, 2008
Lineage Power
Characteristic Curves
8-724(C)
Figure 1. JC030-Series Typical Input Characteristic
8-852(C).b
Figure 2. JC030D-M Typical Output Voltage
Variation Over Ambient Temperature
Range
8-852(C)
Figure 3. JC030A-M Typical Output Voltage
Variation Over Ambient Temperature
Range
8-853(C)
Figure 4. JC030B-M Typical Output Voltage
Variation Over Ambient Temperature
Range
2.5
2.0
1.5
1.0
0.0
INPUT VOLTAGE, V I (V)
0
5
10
15
20
0.5
25
30
35
40
1.994
1.999
2.000
2.001
2.002
2.003
2.004
CASE TEMPERATURE, TC (˚C)
1.998
1.997
-40
-20
0
40
80
100
20
60
1.995
1.996
4.960
4.985
4.990
4.995
5.000
5.005
5.010
CASE TEMPERATURE, TC (˚C)
4.980
4.975
-40
-20
0
40
80
100
20
60
4.965
4.970
11.90
11.94
11.96
11.98
12.00
12.02
CASE TEMPERATURE, TC (˚C)
-40
-20
0
40
80
100
20
60
11.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com