Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 2 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 2 Page - General Semiconductor

  B-M Datasheet HTML 1Page - General Semiconductor B-M Datasheet HTML 2Page - General Semiconductor B-M Datasheet HTML 3Page - General Semiconductor B-M Datasheet HTML 4Page - General Semiconductor B-M Datasheet HTML 5Page - General Semiconductor B-M Datasheet HTML 6Page - General Semiconductor B-M Datasheet HTML 7Page - General Semiconductor B-M Datasheet HTML 8Page - General Semiconductor B-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
JC030-Series Power Modules:
Data Sheet
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
March 26, 2008
2
Lineage Power
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Table 1. Input Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal
fusing is not included; however, to achieve maximum safety and system protection, always use an input line fuse.
The safety agencies require a normal-blow fuse with a maximum rating of 5 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Symbol
Min
Max
Unit
Input Voltage (continuous)
VI
—50
Vdc
Operating Case Temperature
(See Thermal Considerations section.)
TC
–40
100
°C
Storage Temperature
Tstg
–40
110
°C
I/O Isolation Voltage:
dc
Transient (1 min)
—
—
—
—
500
850
Vdc
Vdc
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
18
24
36
Vdc
Maximum Input Current
(VI = 0 V to 6 V; IO = IO, max. See Figure 1.)
II, max
——
3.0
A
Inrush Transient
i2t—
—
0.2
A2s
Input Reflected-ripple Current, Peak-to-peak
(5 Hz to 20 MHz, 12 µH source impedance;
TC = 25 °C; see Figure 19 and Design
Considerations section.)
II
—30—
mAp-p
Input Ripple Rejection (120 Hz)
—
—
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com