Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 4 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 4 Page - General Semiconductor

  B-M Datasheet HTML 1Page - General Semiconductor B-M Datasheet HTML 2Page - General Semiconductor B-M Datasheet HTML 3Page - General Semiconductor B-M Datasheet HTML 4Page - General Semiconductor B-M Datasheet HTML 5Page - General Semiconductor B-M Datasheet HTML 6Page - General Semiconductor B-M Datasheet HTML 7Page - General Semiconductor B-M Datasheet HTML 8Page - General Semiconductor B-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
JC030-Series Power Modules:
Data Sheet
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
March 26, 2008
4
Lineage Power
Electrical Specifications (continued)
Table 2. Output Specifications(continued)
Table 3. Isolation Specifications
General Specifications
Parameter
Device or Suffix
Symbol
Min
Typ
Max
Unit
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = 24 V, TC = 25 °C;
see Figures 14 and 16.):
Load Change from IO = 50% to 75% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
Load Change from IO = 50% to 25% of
IO, max:
Peak Deviation
Settling Time (VO < 10% of peak
deviation)
D-M
A-M, B-M, C-M
All
D-M
A-M, B-M, C-M
All
—
—
—
—
—
—
—
—
—
—
—
—
10
2
0.5
10
2
0.5
—
—
—
—
—
—
%VO, set
%VO, set
ms
%VO, set
%VO, set
ms
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
0.02
—
µF
Isolation Resistance
10
—
—
M¾
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
3,900,000
hours
Weight
—
—
100 (3.5)
g (oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com