Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 19 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 19 Page - General Semiconductor

Back Button B-M Datasheet HTML 12Page - General Semiconductor B-M Datasheet HTML 13Page - General Semiconductor B-M Datasheet HTML 14Page - General Semiconductor B-M Datasheet HTML 15Page - General Semiconductor B-M Datasheet HTML 16Page - General Semiconductor B-M Datasheet HTML 17Page - General Semiconductor B-M Datasheet HTML 18Page - General Semiconductor B-M Datasheet HTML 19Page - General Semiconductor B-M Datasheet HTML 20Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
Lineage Power
19
Ordering Information (continued)
Table 6. Device Accessories
Note: Dimensions are in millimeters and (inches).
Accessory
Comcode
1/4 in. transverse kit (heat sink, thermal pad, and screws)
407243989
1/4 in. longitudinal kit (heat sink, thermal pad, and screws)
407243997
1/2 in. transverse kit (heat sink, thermal pad, and screws)
407244706
1/2 in. longitudinal kit (heat sink, thermal pad, and screws)
407244714
1 in. transverse kit (heat sink, thermal pad, and screws)
407244722
1 in. longitudinal kit (heat sink, thermal pad, and screws)
407244730
1 1/2 in. transverse kit (heat sink, thermal pad, and screws)
407244748
1 1/2 in. longitudinal kit (heat sink, thermal pad, and screws)
407244755
8-724(C).a
Figure 33. Longitudinal Heat Sink
8-724(C).b
Figure 34. Transverse Heat Sink
57.9 (2.28)
61
(2.4)
1 IN.
1 1/2 IN.
1/4 IN.
1/2 IN.
1 IN.
1 1/2 IN.
61 (2.4)
1/4 IN.
1/2 IN.
57.9
(2.28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com