Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 9 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 9 Page - General Semiconductor

Back Button B-M Datasheet HTML 5Page - General Semiconductor B-M Datasheet HTML 6Page - General Semiconductor B-M Datasheet HTML 7Page - General Semiconductor B-M Datasheet HTML 8Page - General Semiconductor B-M Datasheet HTML 9Page - General Semiconductor B-M Datasheet HTML 10Page - General Semiconductor B-M Datasheet HTML 11Page - General Semiconductor B-M Datasheet HTML 12Page - General Semiconductor B-M Datasheet HTML 13Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 30 W
9
Lineage Power
Characteristic Curves (continued)
8-725(C)
Figure 13. JC030C-M Typical Converter Efficiency
vs. Output Current
8-731(C)
Figure 14. JC030A, B, C-M Typical Output Voltage
for a Step Load Change from 50% to 75%
8-731(C).b
Figure 15. JC030D-M Typical Output Voltage for a
Step Load Change from 50% to 75%
8-732(C).a
Figure 16. JC030A, B, C-M Typical Output Voltage
for a Step Load Change from 50% to 25%
OUTPUT CURRENT, I O (A)
90
80
70
60
40
0
0.2
0.4
0.6
0.8
1.8 2.0
50
1.0
1.2
1.4
1.6
VI = 18 V
VI = 24 V
VI = 36 V
TIME, t (500 µs/div)
100
50
500 µs
25
75
98
102
= 1 A/10 µs
Δlo
Δt
TIME, t (500 µs/div)
100
50
500 µs
25
75
90
110
= 1 A/10 µs
Δlo
Δt
TIME, t (500 µs/div)
100
50
500 µs
25
75
98
102
Δl o
Δt
= 1 A/10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com