Electronic Components Datasheet Search
  English  ▼

X  

B-M Datasheet(PDF) 8 Page - General Semiconductor

Part # B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B-M Datasheet(HTML) 8 Page - General Semiconductor

Back Button B-M Datasheet HTML 4Page - General Semiconductor B-M Datasheet HTML 5Page - General Semiconductor B-M Datasheet HTML 6Page - General Semiconductor B-M Datasheet HTML 7Page - General Semiconductor B-M Datasheet HTML 8Page - General Semiconductor B-M Datasheet HTML 9Page - General Semiconductor B-M Datasheet HTML 10Page - General Semiconductor B-M Datasheet HTML 11Page - General Semiconductor B-M Datasheet HTML 12Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
JC030-Series Power Modules
Data Sheet
18 Vdc to 36 Vdc Inputs; 30 W
March 26, 2008
Lineage Power
Characteristic Curves (continued)
8-723(C)
Figure 9. JC030C-M Typical Output Characteristics
8-2691(C)
Figure 10. JC030D-M Typical Converter Efficiency
vs. Output Current
8-727(C)
Figure 11. JC030A-M Typical Converter Efficiency
vs. Output Current
8-726(C)
Figure 12. JC030B-M Typical Converter Efficiency
vs. Output Current
12
8
6
4
0
OUTPUT CURRENT, I O (A)
0
0.5
1.0
1.5
2.0
2
2.5
3.0
3.5
4.0
10
14
16
4.5
5.0
VI = 18 V
VI = 24 V
VI = 36 V
1.6
2.6
3.6
4.6
5.6
60
OUTPUT CURRENT, IO (A)
68
70
74
0.6
62
64
66
VI = 36V
VI = 24 V
VI = 18 V
72
90
80
70
60
50
OUTPUT CURRENT, IO (A)
0
12
3
4
5
6
24 V
36 V
18 V
90
80
70
60
40
OUTPUT CURRENT, IO (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
50
VI = 18 V
VI = 24 V
VI = 36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com